Electronic Components Datasheet Search
  English  ▼

X  

STHS2377L Datasheet(PDF) 18 Page - STMicroelectronics

Part # STHS2377L
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2377L Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STHS2377L Datasheet HTML 12Page - STMicroelectronics STHS2377L Datasheet HTML 13Page - STMicroelectronics STHS2377L Datasheet HTML 14Page - STMicroelectronics STHS2377L Datasheet HTML 15Page - STMicroelectronics STHS2377L Datasheet HTML 16Page - STMicroelectronics STHS2377L Datasheet HTML 17Page - STMicroelectronics STHS2377L Datasheet HTML 18Page - STMicroelectronics STHS2377L Datasheet HTML 19Page - STMicroelectronics STHS2377L Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Part numbering
STHS237x
18/20
5
Part numbering
Table 9.
Ordering information scheme
1.
Contact local ST sales office for availability.
For other options, or for more information on any aspect of this device, please contact the
ST Sales Office nearest you.
Example:
STHS
2375A
M
6
F
Device type
STHS
Product options
2375A = Standard UVLO, Auto
2375L = Standard UVLO, Latch
2376A = Programmable UVLO, Auto
2376L = Programmable UVLO, Latch
2377A = Legacy UVLO, Auto
2377L = Legacy UVLO, Latch
Package
M = SO8 (150mils width)
DW (1) = TSSOP8 3x4.4mm
Temperature range
6 = –40 to 85°C
Shipping method
F = ECOPACK Package, Tape & Reel
E = ECOPACK Package, Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com