Electronic Components Datasheet Search
  English  ▼

X  

MJ-21 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MJ-21
Description  Panel Mount Socket 2mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MJ-21 Datasheet(HTML) 1 Page - Multicomp Pro

  MJ-21 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
27/07/21
Panel Mount Socket
2mm
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
Specifications
Power Rating
: 12V DC, 0.5A
Max. Contact Resistance : 30mΩ
Min. Insulation Resistance : 250V DC, 50MΩ
Withstanding Voltage
: 250V AC for 1 minute
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Chassis Socket, PSU, Panel Mount
MJ-21
Diagram
Item
Part Name
Material Finish
1
Bushing
BSBM
Ni
2
Housing
PBT
-
3
Pin Terminal
BSR
Ag
4
Sleeve Spring
PBR
5
Break Terminal
BSR
6
Insulation A
PF
-
7
Insulation B
-
8
Centre Pin
BSBM
Ni
9
Nut
10
Washer
BSR


Similar Part No. - MJ-21

ManufacturerPart #DatasheetDescription
logo
CUI INC
MJ-2502 CUI-MJ-2502 Datasheet
32Kb / 1P
2.5mm AUDIO JACK-MONO
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
CUI INC
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
2.5mm AUDIO JACK - MONO
MJ-2506 CUI-MJ-2506 Datasheet
26Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2506N CUI-MJ-2506N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-MONO
More results

Similar Description - MJ-21

ManufacturerPart #DatasheetDescription
logo
3M Electronics
152210-0000GB 3M-152210-0000GB Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
logo
Dubilier
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
logo
Switchcraft, Inc.
EN3PH2F16 SWITCH-EN3PH2F16 Datasheet
76Kb / 1P
PANEL SOCKET
logo
Dubilier
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
logo
Samtec, Inc
LS2-105-01-F-D-RA2 SAMTEC-LS2-105-01-F-D-RA2 Datasheet
291Kb / 4P
2mm TERMINAL/SOCKET COMBO
logo
SELEC Controls Pvt. Ltd
55ES SELEC-55ES Datasheet
139Kb / 2P
8 - Pin Socket / Panel Mount Timer
55M SELEC-55M Datasheet
146Kb / 2P
8Pin Socket / Panel Mount Timer
55Q SELEC-55Q Datasheet
143Kb / 2P
8-Pin Socket / Panel Mount Timer
55XU SELEC-55XU Datasheet
90Kb / 2P
8-Pin Socket / Panel Mount Timer
55XC SELEC-55XC Datasheet
144Kb / 2P
8-Pin Socket / Panel Mount Timer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com