Electronic Components Datasheet Search
  English  ▼

X  

SS1200 Datasheet(PDF) 1 Page - Multicomp Pro

Part # SS1200
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SS1200 Datasheet(HTML) 1 Page - Multicomp Pro

  SS1200 Datasheet HTML 1Page - Multicomp Pro SS1200 Datasheet HTML 2Page - Multicomp Pro SS1200 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
04/03/22
Schottky Barrier Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
•  Metal silicon junction, majority carrier conduction
•  High forward surge current capability
•  Low forward voltage drop
•  High temperature soldering guaranteed: 260°C @ 10s
•  Robust guarding for over voltage protection
Mechanical Data
•  Case: SMA molded plastic
•  Molding compound: UL flammability classification rating 94V-0
•  Terminals: Matte tin plated leads; solderable per J-STD-002 and JESD22-B102
•  Polarity: Color band denotes cathode end
Maximum Ratings (@ TA = 25°C unless otherwise specified)
Parameter
Symbol
MP009010
MP009011
Unit
Peak Repetitive Reverse Voltage 
VRRM
150
200
V
RMS Reverse Voltage 
VRMS
105
140
V
DC Blocking Voltage
VDC
150
200
V
Maximum Average Forward Output Current
IF_AV
1.0
A
Peak Forward Surge Current,
8.3ms Single Half Sine wave
IFSM
35
A
Thermal Characteristics
Parameter
Symbol
MP009010
MP009011
Unit
Typical Thermal Resistance *1
RΘJA
RΘJC
RΘJL
70
°C/W
25
30
Operating Junction Temperature Range
TJ
-55 to +15
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note *1: Device mounted on p.c.b. with 10 mm × 20 mm × 0.1 mm copper pad area


Similar Part No. - SS1200

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS1200 JUXING-SS1200 Datasheet
309Kb / 1P
Surface Mount Schottky Rectifiers
logo
Microdiode Semiconducto...
SS1200 CHENDA-SS1200 Datasheet
536Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS1200 BILIN-SS1200 Datasheet
232Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS1200 JUXING-SS1200 Datasheet
1Mb / 2P
Surface Mount Schottky Rectifiers
logo
Zibo Seno Electronic En...
SS1200 ZSELEC-SS1200 Datasheet
96Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS1200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com