Electronic Components Datasheet Search
  English  ▼

X  

MP012789 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP012789
Description  Flat Cable Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP012789 Datasheet(HTML) 1 Page - Multicomp Pro

  MP012789 Datasheet HTML 1Page - Multicomp Pro MP012789 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
18/08/23
Flat Cable Assembly
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Diagram
Dimensions : Millimetres
Part Number Table
Description
Part Number
IDC Receptacle Both End, 6P, 50mm
MP012785
IDC Receptacle Both End, 6P, 100mm
MP012786
IDC Receptacle Both End, 6P, 150mm
MP012787
IDC Receptacle Both End, 6P, 200mm
MP012788
IDC Receptacle Both End, 6P, 250mm
MP012789
IDC Receptacle Both End, 6P, 300mm
MP012790
IDC Receptacle Both End, 8P, 50mm
MP012791
IDC Receptacle Both End, 8P, 100mm
MP012792
IDC Receptacle Both End, 8P, 150mm
MP012793
IDC Receptacle Both End, 8P, 200mm
MP012794
IDC Receptacle Both End, 8P, 250mm
MP012795
IDC Receptacle Both End, 8P, 300mm
MP012796
IDC Receptacle Both End, 10P, 50mm
MP012797
IDC Receptacle Both End, 10P, 100mm
MP012798
IDC Receptacle Both End, 10P, 150mm
MP012799
IDC Receptacle Both End, 10P, 200mm
MP012800


Similar Part No. - MP012789

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01275 GOLLEDGE-MP01275 Datasheet
290Kb / 6P
SAW Filter 867.50MHz
MP01279 GOLLEDGE-MP01279 Datasheet
155Kb / 7P
SAW Filter 456.0MHz
More results

Similar Description - MP012789

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015254081 MOLEX1-0015254081 Datasheet
98Kb / 1P
FLAT FLEX CABLE CONNECTOR ASSEMBLY
logo
Assmann Electronics Inc...
A-DFF09LPXX-III-R ASSMANN-A-DFF09LPXX-III-R Datasheet
52Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DFF15LPXX-III-R ASSMANN-A-DFF15LPXX-III-R Datasheet
51Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DSF09LPXX-III-R ASSMANN-A-DSF09LPXX-III-R Datasheet
52Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DSF15LPXX-III-R ASSMANN-A-DSF15LPXX-III-R Datasheet
52Kb / 1P
FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DSF37LPIII-FP-R ASSMANN-A-DSF37LPIII-FP-R Datasheet
48Kb / 1P
D-SUB FLAT RIBBON CABLE ASSEMBLY
logo
Fair-Rite Products Corp...
0199016551 FAIR-RITE-0199016551 Datasheet
277Kb / 1P
Flat Cable Cores Assembly Clips
0199016051 FAIR-RITE-0199016051 Datasheet
277Kb / 1P
Flat Cable Cores Assembly Clips
0199010301 FAIR-RITE-0199010301 Datasheet
277Kb / 1P
Flat Cable Cores Assembly Clips
0199001401 FAIR-RITE-0199001401 Datasheet
275Kb / 1P
Flat Cable Cores Assembly Clips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com