Electronic Components Datasheet Search
  English  ▼

X  

MP012796 Datasheet(PDF) 2 Page - Multicomp Pro

Part # MP012796
Description  Flat Cable Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP012796 Datasheet(HTML) 2 Page - Multicomp Pro

  MP012796 Datasheet HTML 1Page - Multicomp Pro MP012796 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
18/08/23
Flat Cable Assembly
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Description
Part Number
IDC Receptacle Both End, 10P, 250mm
MP012801
IDC Receptacle Both End, 10P, 300mm
MP012802
IDC Receptacle Both End, 14P, 50mm
MP012803
IDC Receptacle Both End, 14P, 100mm
MP012804
IDC Receptacle Both End, 14P, 150mm
MP012805
IDC Receptacle Both End, 14P, 200mm
MP012806
IDC Receptacle Both End, 14P, 250mm
MP012807
IDC Receptacle Both End, 14P, 300mm
MP012808
IDC Receptacle Both End, 16P, 50mm
MP012809
IDC Receptacle Both End, 16P, 100mm
MP012810
IDC Receptacle Both End, 16P, 150mm
MP012811
IDC Receptacle Both End, 16P, 200mm
MP012812
IDC Receptacle Both End, 16P, 250mm
MP012813
IDC Receptacle Both End, 16P, 300mm
MP012814
IDC Receptacle Both End, 20P, 50mm
MP012815
IDC Receptacle Both End, 20P, 100mm
MP012816
IDC Receptacle Both End, 20P, 150mm
MP012817
IDC Receptacle Both End, 20P, 200mm
MP012818
IDC Receptacle Both End, 20P, 250mm
MP012819
IDC Receptacle Both End, 20P, 300mm
MP012820
IDC Receptacle Both End, 24P, 50mm
MP012821
IDC Receptacle Both End, 24P, 100mm
MP012822
IDC Receptacle Both End, 24P, 150mm
MP012823
IDC Receptacle Both End, 24P, 200mm
MP012824
IDC Receptacle Both End, 24P, 250mm
MP012825
IDC Receptacle Both End, 24P, 300mm
MP012826
IDC Receptacle Both End, 26P, 50mm
MP012827
IDC Receptacle Both End, 26P, 100mm
MP012828
IDC Receptacle Both End, 26P, 150mm
MP012829
IDC Receptacle Both End, 26P, 200mm
MP012830
IDC Receptacle Both End, 26P, 250mm
MP012831
IDC Receptacle Both End, 26P, 300mm
MP012832
IDC Receptacle Both End, 30P, 50mm
MP012833
IDC Receptacle Both End, 30P, 100mm
MP012834
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Description
Part Number
IDC Receptacle Both End, 30P, 150mm
MP012835
IDC Receptacle Both End, 30P, 200mm
MP012836
IDC Receptacle Both End, 30P, 250mm
MP012837
IDC Receptacle Both End, 30P, 300mm
MP012838
IDC Receptacle Both End, 34P, 50mm
MP012839
IDC Receptacle Both End, 34P, 100mm
MP012840
IDC Receptacle Both End, 34P, 150mm
MP012841
IDC Receptacle Both End, 34P, 200mm
MP012842
IDC Receptacle Both End, 34P, 250mm
MP012843
IDC Receptacle Both End, 34P, 300mm
MP012844
IDC Receptacle Both End, 40P, 50mm
MP012845
IDC Receptacle Both End, 40P, 100mm
MP012846
IDC Receptacle Both End, 40P, 150mm
MP012847
IDC Receptacle Both End, 40P, 200mm
MP012848
IDC Receptacle Both End, 40P, 250mm
MP012849
IDC Receptacle Both End, 40P, 300mm
MP012850
IDC Receptacle Both End, 50P, 50mm
MP012851
IDC Receptacle Both End, 50P, 100mm
MP012852
IDC Receptacle Both End, 50P, 150mm
MP012853
IDC Receptacle Both End, 50P, 200mm
MP012854
IDC Receptacle Both End, 50P, 250mm
MP012855
IDC Receptacle Both End, 50P, 300mm
MP012856
IDC Receptacle Both End, 60P, 50mm
MP012857
IDC Receptacle Both End, 60P, 100mm
MP012858
IDC Receptacle Both End, 60P, 150mm
MP012859
IDC Receptacle Both End, 60P, 200mm
MP012860
IDC Receptacle Both End, 60P, 250mm
MP012861
IDC Receptacle Both End, 60P, 300mm
MP012862
IDC Receptacle Both End, 64P, 50mm
MP012863
IDC Receptacle Both End, 64P, 100mm
MP012864
IDC Receptacle Both End, 64P, 150mm
MP012865
IDC Receptacle Both End, 64P, 200mm
MP012866
IDC Receptacle Both End, 64P, 250mm
MP012867
IDC Receptacle Both End, 64P, 300mm
MP012868



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com