Electronic Components Datasheet Search
  English  ▼

X  

S4G Datasheet(PDF) 1 Page - Multicomp Pro

Part # S4G
Description  Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

S4G Datasheet(HTML) 1 Page - Multicomp Pro

  S4G Datasheet HTML 1Page - Multicomp Pro S4G Datasheet HTML 2Page - Multicomp Pro S4G Datasheet HTML 3Page - Multicomp Pro S4G Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Rectifiers
Page <1>
09/08/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
• For surface mounted application.
• Glass passivated junction chip.
• Low forward voltage drop.
• High current capability.
• Easy pick and place.
• High surge current capability.
• High temperature soldering : 260°C / 10 s at terminals.
SMC/DO-214AB
Dimensions : Inches (Millimetres)
Marking Diagram
S4X
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month


Similar Part No. - S4G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4G TSC-S4G Datasheet
49Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
S4G TSC-S4G Datasheet
279Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
S4G TSC-S4G Datasheet
457Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
S4G TSC-S4G Datasheet
192Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S4G LUGUANG-S4G Datasheet
237Kb / 2P
4.0AMPS. Surface Mount Rectifiers
More results

Similar Description - S4G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com