Electronic Components Datasheet Search
  English  ▼

X  

TIP141 Datasheet(PDF) 2 Page - Multicomp Pro

Part # TIP141
Description  Darlington Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP141 Datasheet(HTML) 2 Page - Multicomp Pro

  TIP141 Datasheet HTML 1Page - Multicomp Pro TIP141 Datasheet HTML 2Page - Multicomp Pro TIP141 Datasheet HTML 3Page - Multicomp Pro TIP141 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page <2>
V1.0
01/04/20
Darlington Transistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Electrical Characteristics (Tc = 25°C unless otherwise specified)
Characteristic
Symbol
Minimum
Maximum
Unit
OFF Characteristics
Collector - Emitter Sustaining Voltage (1)
(Ic = 30mA, Ib = 0)
TIP145
TIP141, TIP146
TIP142, TIP147
VCEO (sus)
60
80
100
-
V
Collector Cut off Current
(Vce = 30V, Ib = 0)
TIP145
(Vce = 40V, Ib = 0)
TIP141, TIP146
(Vce = 50V, Ib = 0)
TIP142, TIP147
Iceo
-
2
2
2
mA
Collector Cut off Current
(Vcb = 60V, Ie = 0)
TIP145
(Vcb = 80V, Ie = 0)
TIP141, TIP146
(Vcb = 100V, Ie = 0)
TIP142, TIP147
Icbo
-
1
1
1
Emitter Cut off Current
(Veb = 5V, Ic = 0)
Iebo
-
2
ON Characteristics (1)
DC Current Gain
(Ic = 5A, Vce = 4V)
(Ic = 10A, Vce = 4V)
hFE
1,000
500
-
-
Collector - Emitter Saturation Voltage
(Ic = 5A, Ib = 10mA)
(Ic = 10A, Ib = 40mA)
VCE (sat)
-
2
3
V
Base - Emitter Saturation Voltage
(Ic = 10A, Ib = 40mA)
VBE (sat)
-
3.5
Base - Emitter On Voltage
(Ic = 10A, Vce = 4V)
VBE (on)
-
3
Switching Characteristics
Delay Time
Vcc = 30V, Ic = 5A
IB1 = -IB2 = 20mA
tp = 20µs,
Duty cycle ≤2%
td
0.15 (Typical)
-
µs
Rise Time
tr
0.55 (Typical)
-
Storage Time
ts
2.5 (Typical)
-
Fall Time
tf
-
1. Pulse Test : Pulse width = 30µs, Duty cycle = 2%
Internal Schematic Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com