Electronic Components Datasheet Search
  English  ▼

X  

MM2010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MM2010
Description  PLUG MOUNTED NEEDLE PROBE TYPE ‘K’
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MM2010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MM2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57-0210-04 v2
DATA SHEET
KHP05
PLUG MOUNTED NEEDLE PROBE TYPE ‘K’
PLUG MOUNTED NEEDLE PROBE - Type ‘K’
Description
Needle probe plug mounted using a moulded connector.
Construction
Stainless Steel Needle probe plug mounted.
Needle is 3.3mm diameter and 100mm long with a sensor welded to the tip.
Sensor Features
TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This probe is manufactured using a two stage moulding technique. Firstly the probes are encased
in tough nylon, then a thermoplastic over moulding is applied. This gives an extremely robust and
durable construction with the added benefit that the assembly is waterproof.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±1.5°C ±0.25%)
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value in water)
: 1.6 Secs
MEASUREMENT RANGE
: -100 TO 250 °C
Cross-reference for compatible instruments
Suitable instruments for use with this probe
TME PART No
DESCRIPTION
APPLICATION
MM2000
SINGLE INPUT INSTRUMENT
HIGH ACCURACY TEMPERATURE MEASUREMENT
MM2010
MAX / MIN HOLD INSTRUMENT
HIGH ACCURACY INSTRUMENT WITH MAX, MIN AND HOLD FEATURES
MM2020
DIFFERENTIAL INSTRUMENT
DUAL INPUT INSTRUMENT FOR DIFFERENTIAL MEASUREMENTS
MM2030
THERMOCOUPLE SIMULATOR
HIGH ACCURACY SIMULATOR WITH MEASUREMENT FACILITY
SOLO-K
COMPACT SINGLE INPUT
INSTRUMENT
HIGH ACCURACY TEMPERATURE MEASUREMENT


Similar Part No. - MM2010

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
MM2010 TM-MM2010 Datasheet
252Kb / 2P
SURFACE (BAND) PROBE TYPE ‘K’
MM2010 TM-MM2010 Datasheet
123Kb / 1P
FINE WIRE (PTFE) THERMOCOUPLE SENSOR TYPE ‘K’
MM2010 TM-MM2010 Datasheet
123Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR TYPE ‘K’
logo
List of Unclassifed Man...
MM2010 ETC-MM2010 Datasheet
69Kb / 1P
PLUG MOUNTED MOVING AIR PROBE TYPE ‘K’
MM2010 ETC-MM2010 Datasheet
69Kb / 1P
PLUG MOUNTED FLAT FOOD PROBE TYPE ‘K’
More results

Similar Description - MM2010

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
AS-QTHA-0109-BR RALSTON-AS-QTHA-0109-BR Datasheet
299Kb / 1P
Needle valve assembly, brass
AS-QTHA-0109-SS RALSTON-AS-QTHA-0109-SS Datasheet
287Kb / 1P
Needle valve assembly, stainless steel
logo
Extech Instruments Corp...
TP200 EXTECH-TP200 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Pomona Electronics
4988 POMONA-4988 Datasheet
19Kb / 1P
Needle Tip, Replacement
72923 POMONA-72923 Datasheet
144Kb / 1P
SMD Test Probe W/ Sharp, Spring Mounted Tip, 2MM
logo
List of Unclassifed Man...
BU-50C ETC2-BU-50C Datasheet
53Kb / 1P
Meter Testing Clip With Needle
logo
Extech Instruments Corp...
TP200 EXTECH-TP200_15 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Roithner LaserTechnik G...
FIELDMATE ROITHNER-FIELDMATE Datasheet
472Kb / 2P
analog needle for tuning
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com