Electronic Components Datasheet Search
  English  ▼

X  

MM2008 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MM2008
Description  DUAL PURPOSE SURFACE / IMMERSION PROBE TYPE ‘K’
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MM2008 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MM2008 Datasheet HTML 1Page - List of Unclassifed Manufacturers MM2008 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
KS01-S
DUAL PURPOSE SURFACE / IMMERSION PROBE TYPE ‘K’
Description
This probe uses the straight handle for fine control. The probe is designed for the measurement of
both surface temperatures and Immersion temperatures.
NOTE: This probe only requires light pressure to give a true reading and is suitable for smooth,
clean surfaces. If used on an uneven surface, there is a risk that the band will be weakened
and deformed.
Construction
Ribbon band sensor with thermocouple sensor attached and draught shield : Stainless Steel 316
(Food Grade) Sealed with Silicon Rubber compound to ensure the probe is fully waterproof.
2M curly polyurethane cable with moulded connector.
Sensor Features
TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This results in a solid handle as opposed to a hollow handle. This is particularly important as there is
often damage to the handles caused by excess heat. With a hollow handle it is possible to puncture
the outer plastic and damage the sensor irreparably.
WATERPROOF HANDLE
Due to the total encapsulation method used, all TME probe handles are completely waterproof.
TOUGH POLYURETHANE CABLE
Polyurethane cables are used in place of the standard PVC for the following reasons :-
Greater retractability
Enhanced memory of it’s curl
Non–Toxic
Greater mechanical strength for durability
12 X 0.2mm wires used internally for greater strength.
PTFE inner insulation for strength and retractability.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±1.5°C ±0.25%)
POLYPROPYLENE HANDLES
Polypropylene is an extremely tough and durable material, commonly used for milk crates, it has good
low temperature performance and a relatively high melt temperature. It performs exceptionally well
under chemical attack.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value on clean metal)
: 3 Secs
MEASUREMENT RANGE
: -50 TO 250 °C (higher for non-continuous
measurement)


Similar Part No. - MM2008

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
MM2008 TM-MM2008 Datasheet
112Kb / 3P
TYPE K PLUG MOUNTED GENERAL PURPOSE KIT
logo
List of Unclassifed Man...
MM2008 ETC-MM2008 Datasheet
89Kb / 3P
TYPE K HEATING, VENT AND REFRIGERATION PROBE KIT
MM2008 ETC-MM2008 Datasheet
112Kb / 3P
TYPE K PLUG MOUNTED GENERAL PURPOSE KIT
More results

Similar Description - MM2008

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TM200 EXTECH-TM200 Datasheet
99Kb / 7P
Type K Dual Input Thermometer
TP200 EXTECH-TP200 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Fuji Electric
EDS7-11D FUJI-EDS7-11D Datasheet
97Kb / 4P
IMMERSION TYPE LEVEL METER
logo
Extech Instruments Corp...
TP200 EXTECH-TP200_15 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Analog Devices
AC2626 AD-AC2626_15 Datasheet
2Mb / 2P
GENERAL PURPOSE TEMPERATURE PROBE
logo
Greystone Energy System...
PS-TSAP GREYSTONE-PS-TSAP Datasheet
316Kb / 2P
ALL PURPOSE DUCT/IMMERSION TEMPERATURE SENSOR
01/20
TLAP GREYSTONE-TLAP Datasheet
440Kb / 2P
ALL PURPOSE DUCT/IMMERSION LOW LIMIT THERMOSTAT
TXAP GREYSTONE-TXAP Datasheet
322Kb / 2P
ALL PURPOSE DUCT/IMMERSION TEMPERATURE TRANSMITTER
logo
E+E Elektronik Ges.m.b....
MOP301 EPLUSE-MOP301 Datasheet
1Mb / 10P
Digital Moisture in Oil Immersion Probe up to 120 °C (248 °F)
11-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com