| Electronic Components Datasheet Search |
|
641237 Datasheet(PDF) 64 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
641237 Datasheet(HTML) 64 Page - TE Connectivity Ltd |
|
64 / 84 page ![]() 64 Contacts and Plug Housings, Low-Profile Crimp, Snap-in Receptacle Contacts Material and Finish (RoHS Compliant) See chart. Related Product Data Plug Housings — Pages 64, 67 and 69 Plug Housings, Low-Profile Material and Finish (RoHS Compliant) Housing — UL 94V-0 rated nylon, natural color Note: Alternate colors available upon request. Minimums may apply. Please contact product engineer or product manager for details. Related Product Data Contacts — see above Mating Post Headers — Pages 65 and 66 .083 [2.11] .055 [1.40] .08 [2.1 .362 [9.19] .382 [9.70] .154 [3.91] .039 [1.00] .524 [13.31] .284 [7.21] .224 [5.69] .156 [3.96] .150 [3.81] (3-11 Pos.) .295 [7.49] .039 [1.00] .059 [1.50] A (2 Pos.) .142 [3.61] Section X-X Circuit No. 1 Number of Dimension Part Positions A Number 2 .310 [ 7.86] 1-1123722-2 3 .465 [11.82] 1-1123722-3 4.621 [15.78] 1-1123722-4 5.777 [19.74] 1-1123722-5 6 .933 [23.70] 1-1123722-6 7 1.089 [27.66] 1-1123722-7 8 1.245 [31.62] 1-1123722-8 9 1.401 [35.58] 1-1123722-9 10 1.557 [39.54] 1-1123722-0 11 1.713 [43.50] 1-1123722-1 12 1.878 [47.70] 1-647690-2* * Consult Product Drawing for dimensional detail. Applicator Part Number Wire Size Wire Material Part AMPOMATOR AMP-O-LECTRIC Range Insulation and Number CLS IV+ Terminator AWG mm2 Diameter Finish Strip Loose Lead Maker Model K Model G Form Piece Base Part No. Part No. Part No. 356500 1-471273-3 354500-1 Phos. Brz., 1123721-1 1318912-1* 18–22 0.89-0.30 .067-.118 Pre-Tin 1385286-1 1385286-2 1385286-3 1.70-3.00 Brass, 1123721-2 — Pre-Tin * For 18–20 AWG, use Straight Action Hand Tool (SAHT) Part Number 91579-1. AMP Economy Power (EP) Wire-to-Board Connector System (Continued) MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |