Electronic Components Datasheet Search
  English  ▼

X  

ACX710DC Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # ACX710DC
Description  ACX710 UNIVERSAL METRO ROUTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

ACX710DC Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  ACX710DC Datasheet HTML 1Page - Juniper Networks, Inc. ACX710DC Datasheet HTML 2Page - Juniper Networks, Inc. ACX710DC Datasheet HTML 3Page - Juniper Networks, Inc. ACX710DC Datasheet HTML 4Page - Juniper Networks, Inc. ACX710DC Datasheet HTML 5Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Architecture and Key Components
Powered by Junos OS, the ACX710 complements the Juniper
Networks MX Series 5G Universal Routing Platforms through a
flexible and scalable service provider and enterprise branch routing
portfolio optimized for rapidly growing mobile, video, and cloud
computing applications. The ACX Series extends Juniper’s proven
IP/MPLS leadership in the core and edge to the access and
aggregation layers. Maintaining relative simplicity in the metro
network, the ACX Series supports a rich suite of L2, L3, and IP/
MPLS functionality, enabling large-scale seamless MPLS networks
with simplified service provisioning and operations.
• Universal Access/Aggregation: The ACX710 supports both
Ethernet bridging and MPLS. Growing demands for bandwidth
are accompanied by network growth in terms of numbers of
nodes. In some cases, users demand the ability to scale their
networks to tens of thousands of nodes. A seamless MPLS
architecture enables scale and service flexibility by decoupling
physical topology from transport and service layers. This allows
service providers to leverage their existing MPLS investments
in the core and edge to extend operational benefits to the
access and aggregation layers. It also ensures greater network
service flexibility and higher scaling parameters for the metro
area network (MAN), where metro Ethernet services can span
multiple network segments and be seamlessly terminated at
any point.
• Junos OS: A reliable, high-performance, modular network
operating system, Junos OS is supported across all of Juniper’s
physical and virtual routing, switching, and security platforms.
Junos OS improves network operations and increases service
availability, performance, and security with features like low-
latency multicast, comprehensive quality of service (QoS), in-
service software updates, and Junos Continuity, which
eliminates the risk and complexity of OS upgrades. Junos OS
comes with embedded scripting tools and APIs, enabling the
automation of many routine tasks and practical integration
with any operator’s back-end management tools. With secure
programming interfaces, versatile scripting support, and
integration with popular orchestration frameworks, Junos OS
offers flexible options for DevOps-style management that can
unlock value from the network.
• Automation: With Juniper, your networking solution extends
well beyond the platform with customizable tools to monitor,
analyze, and automate network operations and performance.
The element management system (EMS) provides operators
with GUI-based configuration, management, and compliance
features designed to simplify operations while providing
visibility into device inventory and performance. Automation,
however, requires actionable network insight. HealthBot
combines the power of telemetry, programmability, advanced
algorithms, and machine learning to correlate multiple data
sources for highly automated diagnostics—critical to intent-
based networking. HealthBot insights can trigger dashboards,
user-defined workflows, or playbooks. When traffic needs to
be redirected, HealthBot can engage with a Path Computation
Element (PCE) controller to calculate new SLA-compliant paths
through the network. Juniper Networks NorthStar Controller is
the industry’s leading WAN controller and PCE that closes the
loop on your network automation, pushing new state
information down into the network to optimize performance
and quality of experience (QoE). Juniper’s comprehensive
portfolio of automation tools has been engineered to deliver
the end-to-end network slicing required in today’s agile and
dynamic service delivery architectures.
Features and Benefits
The ACX710 delivers optimal levels of programmability, reliability,
scalability, and security to both service provider and enterprise
networks. The ACX Series portfolio improves customer satisfaction
while lowering the total cost of operating, maintaining, and
updating the network infrastructure.
• Stringent Mobile Backhaul Requirements: The ACX710
provides high 10GbE density with 100GbE support and 320
Gbps switching capacity in a compact and hardened 1 U form
factor, lowering OpEx (including footprint rental costs).
• Precision Timing and Synchronization: Revenue generating
services like VoLTE and LTE broadcast require precise
synchronization. ACX710 synchronization is validated for LTE
deployments.
• Automation and Programmability: The ACX710 provides
application-aware traffic engineering with open and
standardized interfaces, including the ability to tailor services
for optimal agility.
• Investment and Operational Value: Engineered for value, the
ACX710 is designed around merchant silicon, making it a
compelling investment. Operational benefits include a Junos
OS foundation, service flexibility, a hardened and compact
form factor, and filterless design, eliminating the need for
costly, recurring truck rolls to inspect air filters.
ACX710 Universal Metro Router Datasheet
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com