Electronic Components Datasheet Search
  English  ▼

X  

3026421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3026421
Description  PSBJ-URTK 6 VT - Test plug strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3026421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3026421 Datasheet HTML 1Page - PHOENIX CONTACT 3026421 Datasheet HTML 2Page - PHOENIX CONTACT 3026421 Datasheet HTML 3Page - PHOENIX CONTACT 3026421 Datasheet HTML 4Page - PHOENIX CONTACT 3026421 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Test plug strip, number of positions: 1, color: violet
Your advantages
The test socket PSBJ... is used in place of the normal bridge screw and ensures the voltage pick-off on a bridged group of terminals
•
The test sockets are tailored to the special applications encountered in the power supply industry
•
Commercial data
Item number
3026421
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BE19
Product key
BE1Z3X
GTIN
4017918351182
Weight per piece (including packing)
2.48 g
Weight per piece (excluding packing)
2.46 g
Customs tariff number
85366990
Country of origin
PL
PSBJ-URTK 6 VT - Test plug strip
3026421
https://www.phoenixcontact.com/us/products/3026421
Oct 13, 2025, 12:13AM
Page 1 (5)


Similar Part No. - 3026421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3026405 PHOENIX-3026405 Datasheet
231Kb / 5P
PSBJ-URTK 6 YE - Test plug strip
3026418 PHOENIX-3026418 Datasheet
230Kb / 5P
PSBJ-URTK 6 GN - Test plug strip
3026434 PHOENIX-3026434 Datasheet
230Kb / 5P
PSBJ-URTK 6 BU - Test plug strip
3026447 PHOENIX-3026447 Datasheet
230Kb / 5P
PSBJ-URTK 6 BK - Test plug strip
3026448 PHOENIX-3026448 Datasheet
229Kb / 5P
PSBJ-URTK 6 WH - Test plug strip
More results

Similar Description - 3026421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201304 PHOENIX-0201304 Datasheet
58Kb / 2P
Female test connector - PSBJ 3/13/4 - 0201304
0303325 PHOENIX-0303325 Datasheet
57Kb / 2P
Female test connector - PSBJ 4/15/6 RD - 0303325
0311087 PHOENIX-0311087 Datasheet
219Kb / 14P
Test disconnect terminal block - URTK/S - 0311087
3969927 PHOENIX-3969927 Datasheet
94Kb / 6P
Test terminal strip - RSCWE 6-3/12
0316082 PHOENIX-0316082 Datasheet
145Kb / 8P
Test disconnect terminal block - URTK/S M. ABGESCHNITT
3026272 PHOENIX-3026272 Datasheet
199Kb / 8P
URTK 6
0303367 PHOENIX-0303367 Datasheet
65Kb / 3P
Female test connector - PSBJ 4/15/6 YE
09/11/2020
0305394 PHOENIX-0305394 Datasheet
53Kb / 2P
Female test connector - PSBJ-GSK/S FARBLOS
09/11/2020
3026340 PHOENIX-3026340 Datasheet
54Kb / 3P
End cover - D-URTK 6
09/11/2020
3048085 PHOENIX-3048085 Datasheet
58Kb / 3P
Female test connector - PSBJ 3/52/6 GY
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com