Electronic Components Datasheet Search
  English  ▼

X  

DFR0535 Datasheet(PDF) 5 Page - DFROBOT

Part # DFR0535
Description  Sunflower: Solar Power Manager SKU: DFR0535
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0535 Datasheet(HTML) 5 Page - DFROBOT

  DFR0535 Datasheet HTML 1Page - DFROBOT DFR0535 Datasheet HTML 2Page - DFROBOT DFR0535 Datasheet HTML 3Page - DFROBOT DFR0535 Datasheet HTML 4Page - DFROBOT DFR0535 Datasheet HTML 5Page - DFROBOT DFR0535 Datasheet HTML 6Page - DFROBOT DFR0535 Datasheet HTML 7Page - DFROBOT DFR0535 Datasheet HTML 8Page - DFROBOT DFR0535 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Quick Start
Build a solar powered system
Connect the Li battery to BAT IN.
Connect the solar panel to SOLAR IN.
Connect USB OUT of the module to Arduino with USB cable.
Switch one bit of the MPPT SET to ON (others remain OFF) according to the nominal (maximum
power point) voltage of the solar panel.
Connect USB OUT of the module to Arduino with USB cable.
Connect all the VCC and GND pins of the peripherals to the regulated power supply headers or
terminals according to the nominal voltage.
Press the BOOT bottom for once to activate the the Li battery protection IC.
Attention
If a 10W (or above) solar panel is used, the LTC3652 may run in full load, trying to charge the 
battery at maximum 2A. In order to improve the cooling of the IC, it is highly recommended to 
attach the thermal conductive silicone pad and Aluminum cooling fin(included in the kit) to the 
bottom of the module where the label "Cooling Fin" is located. 
Solar powered system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com