Electronic Components Datasheet Search
  English  ▼

X  

DFR0536 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0536
Description  Micro:bit Gamepad Expansion Board SKU: DFR0536
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0536 Datasheet(HTML) 2 Page - DFROBOT

  DFR0536 Datasheet HTML 1Page - DFROBOT DFR0536 Datasheet HTML 2Page - DFROBOT DFR0536 Datasheet HTML 3Page - DFROBOT DFR0536 Datasheet HTML 4Page - DFROBOT DFR0536 Datasheet HTML 5Page - DFROBOT DFR0536 Datasheet HTML 6Page - DFROBOT DFR0536 Datasheet HTML 7Page - DFROBOT DFR0536 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specification
•
Operating Voltage: 3VDC (2 AAA batteries)
•
Number of Buttons: Up, Down, Left, Right, X, Y, A, B Total 8 programmable buttons
•
Onboard Vibration motor × 1
•
Onboard LED × 1
•
Onboard Buzzer × 1
•
Acrylic Floor x 1
•
Acrylic Panel × 1
•
Battery Box with Cover × 1
•
Velcro × 2
•
Copper Cylinder × 4
•
Screw × 8
•
Big Button ×6
•
Small Button× 2
•
Dimension:148x57(mm)/ 5.83*2.24in
Function Description
Function
Description
LED
Control pin P16
Vibration Motor
Control pin P12
Buzzer
Control pin P0
PWR
Power Indicator
Switch
Turn off the power
Opearting Voltage3V~3.7V(2x AAA batteries)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com