Electronic Components Datasheet Search
  English  ▼

X  

DFR0543 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR0543
Description  LattePanda Delta 432 – Tiny Ultimate Windows / Linux Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0543 Datasheet(HTML) 8 Page - DFROBOT

  DFR0543 Datasheet HTML 1Page - DFROBOT DFR0543 Datasheet HTML 2Page - DFROBOT DFR0543 Datasheet HTML 3Page - DFROBOT DFR0543 Datasheet HTML 4Page - DFROBOT DFR0543 Datasheet HTML 5Page - DFROBOT DFR0543 Datasheet HTML 6Page - DFROBOT DFR0543 Datasheet HTML 7Page - DFROBOT DFR0543 Datasheet HTML 8Page - DFROBOT DFR0543 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FEATURES
  Solid Spec and Extreme Design
  Dual OS Support – Windows / Linux Both 
  Ultimate Networking on Cloud and Things 
  Up to 42 Extendable Interfaces bring Rich Playabilities 
  Ultra‐Thin Design, Minimizing Space Occupation 
  Rebuild How to Code Efficiently with Multiple OS 
SPECIFICATION
  CPU:Intel 8th Gen Celeron Processor N4100
  Core:1.1‐2.4GHz Quad‐Core,Four‐Thread 
  Benchmark (PassMark): Up to 1800+ 
  Graphics:Intel UHD Graphics 600, 200‐700MHz 
  RAM:4G LPDDR4 2400MHz Dual‐Channel 
  Memory:32GB eMMC V5.0l 
  External Memory: 
            1x M.2 B Key, PCIe 2x, Supports SATA SSD 
            1x M.2 E Key, PCIe 2x,Supports USB2.0, UART, PCM 
  Connectivity: WIFI 802.11 AC, 2.4G & 5G 
            Dual Band Bluetooth 4.2 
            Gigabyte Ethernet 
  USB Ports: 3x USB 3.0 Type A 
            1x USB Type C, supports PD, DP, USB 3.0 
  Display: HDMI Output 
            Type‐C DP Support 
            Extendable eDP touch displays 
  Co‐processor:Arduino Leonardo 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com