Electronic Components Datasheet Search
  English  ▼

X  

DFR0546 Datasheet(PDF) 9 Page - DFROBOT

Part # DFR0546
Description  LattePanda Alpha 864s – Tiny Ultimate Windows / Linux Device (Pre-order)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0546 Datasheet(HTML) 9 Page - DFROBOT

Back Button DFR0546 Datasheet HTML 2Page - DFROBOT DFR0546 Datasheet HTML 3Page - DFROBOT DFR0546 Datasheet HTML 4Page - DFROBOT DFR0546 Datasheet HTML 5Page - DFROBOT DFR0546 Datasheet HTML 6Page - DFROBOT DFR0546 Datasheet HTML 7Page - DFROBOT DFR0546 Datasheet HTML 8Page - DFROBOT DFR0546 Datasheet HTML 9Page - DFROBOT DFR0546 Datasheet HTML 10Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
 
 
 RAM:8G LPDDR3
 Memory:64GB eMMC V5.0l
 External Memory:
1x M.2 M Key, PCIe 4x, Supports NVMe SSD and SATA SSD
1x M.2 E Key, PCIe 2x,Supports USB2.0, UART, PCM
 Connectivity:
WIFI 802.11 AC, 2.4G & 5G
Dual Band Bluetooth 4.2
Gigabyte Ethernet
 USB Ports:
3x USB 3.0 Type A
1x USB Type C, supports PD, DP, USB 3.0
 Display:
HDMI Output
Type-C DP Support
Extendable eDP touch displays
 Co-processor:Arduino Leonardo
 GPIO & Other Features:2x 50p GPIOs including I2C, I2S, USB, RS232, UART, RTC,
Power Management,Extendable power button,everything you need
 OS Support:
Windows 10 Pro
Linux Ubuntu
 Dimension: 115mm * 78mm * 14 mm
DOCUMENTS
 LattePanda Website
SHIPPING LIST
 LattePanda Alpha 864 x1
 Free Gift - Active cooling fan x1
 Free Gift - 45w PD Power adapter x1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com