Electronic Components Datasheet Search
  English  ▼

X  

BYT12P-1000 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYT12P-1000
Description  FAST RECOVERY RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT12P-1000 Datasheet(HTML) 2 Page - STMicroelectronics

  BYT12P-1000 Datasheet HTML 1Page - STMicroelectronics BYT12P-1000 Datasheet HTML 2Page - STMicroelectronics BYT12P-1000 Datasheet HTML 3Page - STMicroelectronics BYT12P-1000 Datasheet HTML 4Page - STMicroelectronics BYT12P-1000 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
Synbol
Test Conditions
Min.
Typ.
Max.
Unit
IR
Tj = 25
°C
VR = VRRM
50
µA
Tj = 100
°C
2.5
mA
VF
Tj = 25
°C
IF = 12A
1.9
V
Tj = 100
°C
1.8
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25
°CIF = 1A
diF/dt = - 15A/
µs
VR = 30V
155
ns
IF = 0.5A
IR = 1A
Irr = 0.25A
65
RECOVERY CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
tIRM
diF/dt = - 50A/
µs
VCC = 200 V
IF = 12A
Lp
≤ 0.05µH Tj = 100°C
See figure 11
200
ns
diF/dt = - 100A/
µs
120
IRM
diF/dt = -50A/
µs
7.8
A
diF/dt = - 100A/
µs
9
TURN-OFF SWITCHING CHARACTERISTICS (Without Series Inductance)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
C =
VRP
VCC
Tj = 100
°C
VCC = 200V
IF = IF (AV)
diF/dt = - 12A/
µs
Lp = 12
µH
See figure 12
4.5
TURN-OFF OVERVOLTAGE COEFFICIENT (With Series Inductance)
To evaluate the conduction losses use the following equations:
VF = 1.47 + 0.026 IF
P = 1.47 x IF(AV) + 0.026 IF2(RMS)
Figure 1. Low frequency power losses versus
average current
Figure 2. Peak current versus form factor
BYT 12P-1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com