Electronic Components Datasheet Search
  English  ▼

X  

DFR0600 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0600
Description  PYNQ-Z2 Development Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0600 Datasheet(HTML) 3 Page - DFROBOT

  DFR0600 Datasheet HTML 1Page - DFROBOT DFR0600 Datasheet HTML 2Page - DFROBOT DFR0600 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
•512MB DDR3 with 16-bit bus @ 1050Mbps
•16MB Quad-SPI Flash with factory programmed 48-bit globally unique EUI-48/64™ compatible
identifier
•MicroSD slot
Power:
•Powered from USB or 7V-15V external power source
USB and Ethernet:
•Gigabit Ethernet PHY
•Micro USB-JTAG Programming circuitry
•Micro USB-UART bridge
•USB OTG PHY (supports host only)
Audio and Video:
•HDMI sink port (input)
•HDMI source port (output)
•I2S interface with 24bit DAC with 3.5mm TRRS jack
•Line-in with 3.5mm jack
Switches, Push-buttons, and LEDs:
•4 push-buttons
•2 slide switches
•4 LEDs
•2 RGB LEDs
Expansion Connectors:
•Two standard Pmod ports
•16 Total FPGA I/O (8 shared pins with Raspberry Pi connector)
•Arduino Shield connector
•24 Total FPGA I/O
•6 Single-ended 0-3.3V Analog inputs to XADC
•Raspberry Pi connector
•28 Total FPGA I/O (8 shared pins with Pmod A port)
 
 
 
                                https://www.dfrobot.com/product‐1838.html?search=DFR0600/5‐9‐19 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com