Electronic Components Datasheet Search
  English  ▼

X  

DFR0604 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0604
Description  IO Expansion HAT for Pi Zero/Zero W
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0604 Datasheet(HTML) 1 Page - DFROBOT

  DFR0604 Datasheet HTML 1Page - DFROBOT DFR0604 Datasheet HTML 2Page - DFROBOT DFR0604 Datasheet HTML 3Page - DFROBOT DFR0604 Datasheet HTML 4Page - DFROBOT DFR0604 Datasheet HTML 5Page - DFROBOT DFR0604 Datasheet HTML 6Page - DFROBOT DFR0604 Datasheet HTML 7Page - DFROBOT DFR0604 Datasheet HTML 8Page - DFROBOT DFR0604 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IO Expansion HAT for Pi Zero/Zero W
SKU:DFR0604
Introduction
This DFRobot IO Expansion HAT provides Digital, Analog, I2C, PWM, UART and SPI port
to meet all your needs. It is pretty small and perfectly suitable for Raspberry Pi
Zero/Zero W. The board leads out the I/O ports on Raspberry Pi including IIC, UART, SPI
and digital, among which the digital ports are led out via the GPIO16~GPIO25(BCM) of
Raspberry Pi, so these ports can be directly used. Besides, the PWM and Analog ports
are led out through the on-board MCU STM32 that can communicate with Raspberry Pi
via IIC. So combing with our related libraries, users are able to conveniently use
Raspberry Pi to control PWM output or read ADC input.
Specification
•
Power Supply: 5V
•
External Power Supply (Servo): 6-12V
•
Device Address: 0x10
•
Dimension: 65x30mm/2.56x1.18”


Similar Part No. - DFR0604

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0600 DFROBOT-DFR0600 Datasheet
1Mb / 3P
PYNQ-Z2 Development Board
5-9-19
DFR0601 DFROBOT-DFR0601 Datasheet
809Kb / 13P
Dual-Channel DC Motor Driver
2023/10/12
DFR0602 DFROBOT-DFR0602 Datasheet
1Mb / 5P
ESP32-CAM Development Board
8-15-19
DFR0605 DFROBOT-DFR0605 Datasheet
660Kb / 9P
Gravity: Digital RGB LED Module
5-9-19
More results

Similar Description - DFR0604

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC669 NSC-LMC669 Datasheet
465Kb / 14P
AUTO-ZERO
logo
Exar Corporation
XRDAN27 EXAR-XRDAN27 Datasheet
115Kb / 4P
Compensating for Zero Order Hold Effects
logo
Maxim Integrated Produc...
MAX2390 MAXIM-MAX2390 Datasheet
871Kb / 33P
W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers
Rev 2; 11/05
logo
SparkFun Electronics
DEV-14328 SPARKFUN-DEV-14328 Datasheet
179Kb / 2P
SparkFun Pi Servo HAT
9??8??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
EDA Technology Co.,LTD
ED-GWL501 EDATEC-ED-GWL501 Datasheet
1Mb / 16P
AN INDOOR LIGHT GATEWAY BASED ON RASPBERRY PI ZERO 2 W
2023-02-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com