Electronic Components Datasheet Search
  English  ▼

X  

TXS0101DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DBVT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0101DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TXS0101DBVT Datasheet HTML 1Page - Texas Instruments TXS0101DBVT Datasheet HTML 2Page - Texas Instruments TXS0101DBVT Datasheet HTML 3Page - Texas Instruments TXS0101DBVT Datasheet HTML 4Page - Texas Instruments TXS0101DBVT Datasheet HTML 5Page - Texas Instruments TXS0101DBVT Datasheet HTML 6Page - Texas Instruments TXS0101DBVT Datasheet HTML 7Page - Texas Instruments TXS0101DBVT Datasheet HTML 8Page - Texas Instruments TXS0101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
DBV, DCK, OR DRL PACKAGE
(TOP VIEW)
1
2
3
6
5
4
VCCA
GND
A
VCCB
OE
B
YZP PACKAGE
(BOTTOM VIEW)
GND
A
B
VCCA
2
3
6
4
1
5
OE
VCCB
abc
DESCRIPTION/ORDERING INFORMATION
TXS0101
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
FOR OPEN-DRAIN APPLICATIONS
SCES638 – OCTOBER 2007
www.ti.com
2
• Available in the Texas Instruments NanoFree™
Package
• 1.65 V to 3.6 V on A port and 2.3 V to 5.5 V on
B port (VCCA ≤ VCCB)
• V
CC Isolation Feature – If Either VCC Input Is at
GND, Both Ports Are in the High-Impedance
State
• I
off Supports Partial-Power-Down Mode
Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
–
A Port
–
2500-V Human-Body Model (A114-B)
abc
–
200-V Machine Model (A115-A)
abc
–
1500-V Charged-Device Model (C101)
abc
–
B Port
abc
–
8-kV Human-Body Model (A114-B)
–
200-V Machine Model (A115-A)
–
1500-V Charged-Device Model (C101)
This one-bit noninverting translator uses two separate configurable power-supply rails. The A port is designed to
track VCCA. VCCA accepts any supply voltage from 1.65 V to 3.6 V. The B port is designed to track VCCB. VCCA
must be less than or equal to VCCB. VCCB accepts any supply voltage from 2.3 V to 5.5 V. This allows for
low-voltage bidirectional translation between any of the 1.8-V, 2.5-V, 3.3-V, and 5-V voltage nodes.
When the output-enable (OE) input is low, all outputs are placed in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
TXS0101YZPR
_ _ _2G_
(Pb-free)
Reel of 3000
TXS0101DBVR
SOT (SOT-23) – DBV
2G_
Reel of 250
TXS0101DBVT
–40
°C to 85°C
Reel of 3000
TXS0101DCKR
SOT (SC-70) – DCK
NFF_
Reel of 250
TXS0101DCKT
Reel of 3000
TXS0101DRLR
SOT (SOT-563) – DRL
2G_
Reel of 250
TXS0101DRLT
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TXS0101DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101DBVT TI-TXS0101DBVT Datasheet
615Kb / 19P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DBVT TI-TXS0101DBVT Datasheet
840Kb / 21P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DBVT TI1-TXS0101DBVT Datasheet
1Mb / 32P
1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXS0101DBVT TI1-TXS0101DBVT Datasheet
2Mb / 34P
TXS0101 1-Bit Bidirectional Level-Shifting, Voltage-Level Translator With Auto- Direction-Sensing for Open-Drain and Push-Pull Applications
DECEMBER 2024
TXS0101DBVTG4 TI-TXS0101DBVTG4 Datasheet
615Kb / 19P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0101DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0104E TI-TXS0104E Datasheet
729Kb / 21P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0102 TI-TXS0102 Datasheet
261Kb / 13P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101 TI-TXS0101_08 Datasheet
615Kb / 19P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101 TI-TXS0101_10 Datasheet
840Kb / 21P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_102 TI-TXS0104E_102 Datasheet
910Kb / 26P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
logo
Nexperia B.V. All right...
LSF0101-Q100 NEXPERIA-LSF0101-Q100 Datasheet
198Kb / 11P
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 3 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com