Electronic Components Datasheet Search
  English  ▼

X  

DFR0668 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0668
Description  SKU:DFR0668
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0668 Datasheet(HTML) 1 Page - DFROBOT

  DFR0668 Datasheet HTML 1Page - DFROBOT DFR0668 Datasheet HTML 2Page - DFROBOT DFR0668 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SKU:DFR0668
Introduction
This is a Type-C Lipo charger designed for single-cell 3.7V lithium battery. The compact size
makes it easy to integrate into your applications. The charger adopts TP4056X lithium battery
charging IC, which guarantees you quick and safe charging, and also you can easily switch
between 3 output currents (the default output current is 50mA) by selecting different bonding
pads on the back. The thermal feedback inside the TP4056X can automatically adjust the
charging current to limit the chip temperature under high power operation or high ambient
temperature conditions.
Plug this charger into power source via its Type-C port, the LED on the charger will flash when
no battery is not connected; keep on when charging and go off when the battery is fully charged.
So, this LED will consume nothing of your battery. Besides, you can also connect an external
indicator, which allows you to easily check the charging status when this module is integrated
into your projects.
There are 3 charging stages provided: trickle charge, constant current charge and constant
voltage charge, which guarantee the safety and save the charging time.
NOTE: Low current mode can be used to charge a large capacity battery but high current
mode cannot be used to charge a small capacity battery. The battery may explode if the charging
current is too high.


Similar Part No. - DFR0668

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0667 DFROBOT-DFR0667 Datasheet
333Kb / 3P
Micro Lipo USB Charger Wiki DFRobot
7-1-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com