Electronic Components Datasheet Search
  English  ▼

X  

074 Datasheet(PDF) 1 Page - Pro-Power

Part # 074
Description  Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

074 Datasheet(HTML) 1 Page - Pro-Power

  074 Datasheet HTML 1Page - Pro-Power 074 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wire
Page 1
01/02/08 V1.0
Specifications
Dimensions : Millimetres
Secondary
Insulation
Colour
Primary
Insulation
Material
Voltage
Rating
(V ac)
Core-
earth/core-
core
Voltage
Rating
(V)
Current
Rating
(A)
Conductor
Area
CSA
(mm2)
External
Diameter
Conductor
Make-up
Reel
Length
(m)
Part Number
Blue
-
-
-
-
1.5
-
30/0.25
100
0431
White
-
-
-
-
-
0441
Green
-
-
-
-
2.5
-
50/0.25
0491
White
-
-
-
-
-
0501
-
-
-
-
4
-
56/0.3
0531
Blue
-
-
-
-
-
0541
White
-
-
-
-
6
-
84/0.3
0581
PVC
1000
600
68
10
7.6
80/0.4
063
Blue
064
White
91
16
8.8
126/0.4
068
120
25
11
196/0.4
073
Blue
074
White
22
1.5
3.7
30/0.25
099


Similar Part No. - 074

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0740266110 MOLEX8-0740266110 Datasheet
122Kb / 3P
2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle,6-Row, 2 Blade Power Module, 1 Circuit
0740266110 MOLEX1-0740266110 Datasheet
36Kb / 2P
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 7.50mm Blade 1, 7.50mm Blade 2
0740266110 MOLEX1-0740266110_18 Datasheet
36Kb / 2P
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 7.50mm Blade 1, 7.50mm Blade 2
0740266220 MOLEX8-0740266220 Datasheet
122Kb / 3P
2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle6-Row, 2 Blade Power Module, 1 Circuit
0740266220 MOLEX1-0740266220 Datasheet
36Kb / 2P
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows, 2 Blade Power Module, 1 Circuit, Mating Blade Length: 9.00mm Blade 1, 9.00mm Blade 2
More results

Similar Description - 074

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
Adam Technologies, Inc.
DME-F-01 ADAM-TECH-DME-F-01 Datasheet
59Kb / 1P
WIRE TO WIRE FEMALE
DMH-M-XX ADAM-TECH-DMH-M-XX Datasheet
85Kb / 1P
WIRE TO WIRE CONNECTOR
DMP-XX-BK ADAM-TECH-DMP-XX-BK Datasheet
80Kb / 1P
WIRE TO WIRE FEMALE
DMQ-XX ADAM-TECH-DMQ-XX Datasheet
80Kb / 1P
WIRE TO WIRE FEMALE
DMZ-XX ADAM-TECH-DMZ-XX Datasheet
68Kb / 1P
WIRE TO WIRE CONNECTOR
DMZ-XX-V0 ADAM-TECH-DMZ-XX-V0 Datasheet
68Kb / 1P
WIRE TO WIRE CONNECTOR
DMW-XX ADAM-TECH-DMW-XX Datasheet
78Kb / 1P
WIRE TO WIRE SYSTEM
logo
Molex Electronics Ltd.
1301250047 MOLEX11-1301250047 Datasheet
31Kb / 1P
Wire Rope Festoon Wire
logo
JST Mfg. Co., Ltd.
BAB JST-BAB Datasheet
199Kb / 3P
Wire-to-wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com