Electronic Components Datasheet Search
  English  ▼

X  

THERM16F Datasheet(PDF) 1 Page - nVent Electric plc

Part # THERM16F
Description  Accessories Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

THERM16F Datasheet(HTML) 1 Page - nVent Electric plc

  THERM16F Datasheet HTML 1Page - nVent Electric plc THERM16F Datasheet HTML 2Page - nVent Electric plc THERM16F Datasheet HTML 3Page - nVent Electric plc THERM16F Datasheet HTML 4Page - nVent Electric plc THERM16F Datasheet HTML 5Page - nVent Electric plc THERM16F Datasheet HTML 6Page - nVent Electric plc THERM16F Datasheet HTML 7Page - nVent Electric plc THERM16F Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Accessories Controllers
nVent.com/HoFFmAn
SUBJECTTOCHANGEWITHOUTNOTICE
ThermAl mAnAgemenT
1
Spec-00583 J
ThermosTAT conTroller
inDUsTrY sTAnDArDs
cURus; File no. e164102
ce
FeATUres
•
Mechanicalthermostatforcontrollingfilterfansandheaters
•
Registerssurroundingairandcanswitchinductiveandresistive
loadsviasnap-actioncontact
•
Clipsforverticallymountingon35mmDINrail(EN60715)
•
Anintegratedresistor(RF)canbeconnectedtoimprovethe
switchtemperaturedifference
Finish
•
RAL7035lightgray
•
PlastichousingUL94V-0
noTes
•
Thecontactsystemoftheregulatorissubjectedtoenvironmental
influencesandcontactrestistancemaychangewhichcanleadto
avoltagedropand/orself-heatingofcontacts
•
IftheNormallyClosedcontactisused,theswitchtemperature
differencecouldbereducedbyconnectingterminal“N”(RF
heatingresistor).Itcausesthermalfeedbackwhichissubjectto
surroundingconditionsandthushastobedeterminedforeach
individualapplication.
•
VoltageonlyneedstobespecifiediftheoptionaluseoftheRF
resistorisdesired
PerformanceData ThermostatController
CATALOG NUMBERS
THERM16F
THERM26F
THERM16C
THERM26C
DESIGN DATA
Control Range
40 to 140 F
5 to 60 C
Switching Differences:
Bimetal controllers
Approximately 9 F (5K), tolerance -5.4/+3.6 F (-3/+2K)
Contact
Snap contact as break contact-NC
Make contact-NO
Switching Capacity:
Minimum switching capacity
10 mA
Maximum switching capacity, NC
10 A resistive / 4 A inductive @ AC 115V
10 A resistive / 4 A inductive @ AC 250V
DC 30 W
Maximum switching capacity, NO
5 A resistive / 2 A inductive @ AC 115V
5 A resistive / 2 A inductive @ AC 250V
DC 30 W
Supply Voltage
115V
230V
115V
230V
Protection
IP20
Sensor
Bimetal
Power Connection
4-pole terminal, clamping torqe 0.5 Nm maximum:
solid/stranded wire, 14 AWG maximum (2.5 mm)*
Ambient Temperature (°F / °C)
-4 to 176 F
-20 to 80 C
Storage Temperature (°F / °C)
-49 to 149 F
-45 to 65 C
UNIT CONSTRUCTION
Temperature Display
Fahrenheit
Celsius
Unit Dimensions - H x W x D (in./mm)
2.64 x 1.97 x 1.50/67 x 50 x 38
Weight (oz/g)
2.00/60
*When connecting with stranded wires, wire end ferrules must be used
89157607


Similar Part No. - THERM16F

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
THERMISTORS WAVELENGTH-THERMISTORS Datasheet
6Mb / 31P
Laser Diode Driver & Temperature Controller — with IntelliTune®
March 2026
THERMISTORS WAVELENGTH-THERMISTORS Datasheet
6Mb / 29P
High Precision Temperature Controller— with IntelliTune®
December 2025
logo
NOSHOK, INC.
THERMOWELLS NOSHOK-THERMOWELLS Datasheet
135Kb / 3P
Thermowells
More results

Similar Description - THERM16F

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
TDK Electronics
B65840H1106T001 TDK-B65840H1106T001 Datasheet
269Kb / 5P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com