Electronic Components Datasheet Search
  English  ▼

X  

ADLTEMP Datasheet(PDF) 2 Page - nVent Electric plc

Part # ADLTEMP
Description  Accessories Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

ADLTEMP Datasheet(HTML) 2 Page - nVent Electric plc

  ADLTEMP Datasheet HTML 1Page - nVent Electric plc ADLTEMP Datasheet HTML 2Page - nVent Electric plc ADLTEMP Datasheet HTML 3Page - nVent Electric plc ADLTEMP Datasheet HTML 4Page - nVent Electric plc ADLTEMP Datasheet HTML 5Page - nVent Electric plc ADLTEMP Datasheet HTML 6Page - nVent Electric plc ADLTEMP Datasheet HTML 7Page - nVent Electric plc ADLTEMP Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Accessories Controllers
PH763.422.2211
nVent.com/HoFFmAn
ThermAl mAnAgemenT
2
Spec-00583 J
DUAl ThermosTAT
inDUsTrY sTAnDArDs
cURus; File no. e164102
CSAFileNo.215952
ce
APPlicATion
Twothermostatsinone,theDualThermostatindependently
controlsequipmentheatingandcoolingsystems.
FeATUres
•
Twothermostats;onenormallyclosed(NC),red,andonenormally
open(NO),blue,inonecasing
•
Wideadjustabletemperaturerange(32-140F)
•
Thermostaticbimetallicsensorelement
•
Connection:4-poleterminalforAWG14max(2.5mm2)
•
Mountingclipfor35-mmDINrail
Finish
•
Light-grayplastic,UL94V-0
PerformanceData DualThermostat
CATALOG NUMBERS
ADLTEMP
ELECTRICAL DATA
Switching Capacity (Normally Closed)
10 A resistive/2 A inductive @250 VAC, DC 30 W
Switching Capacity - Normally Open
5 A resistive/2 A inductive @250 VAC, DC 30 W
Setting Range - Normally Closed (°F/C°)
32/0 to 140/60
Setting Range - Normally Open (°F/C°)
32/0 to 140/60
UNIT CONSTRUCTION
Unit Dimensions - H x W x D (in./mm)
2.64 x 1.97 x 1.81/67 x 50 x 46



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com