Electronic Components Datasheet Search
  English  ▼

X  

ADC3681IRSBT Datasheet(PDF) 29 Page - Texas Instruments

Part # ADC3681IRSBT
Description  ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3681IRSBT Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADC3681IRSBT Datasheet HTML 25Page - Texas Instruments ADC3681IRSBT Datasheet HTML 26Page - Texas Instruments ADC3681IRSBT Datasheet HTML 27Page - Texas Instruments ADC3681IRSBT Datasheet HTML 28Page - Texas Instruments ADC3681IRSBT Datasheet HTML 29Page - Texas Instruments ADC3681IRSBT Datasheet HTML 30Page - Texas Instruments ADC3681IRSBT Datasheet HTML 31Page - Texas Instruments ADC3681IRSBT Datasheet HTML 32Page - Texas Instruments ADC3681IRSBT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
8.3 Feature Description
8.3.1 Analog Input
The analog inputs of ADC368x are intended to be driven differentially. Both AC coupling and DC coupling of the
analog inputs is supported. The analog inputs are designed for an input common mode voltage of 0.95 V which
must be provided externally on each input pin. DC-coupled input signals must have a common mode voltage that
meets the device input common mode voltage range.
The equivalent input network diagram is shown in Figure 8-1. All four sampling switches, on-resistance shown in
red are in same position (open or closed) simultaneously.
1
AVDD
0.6 pF
GND
GND
2 nH
xINP/
xINM
125
1.4 pF
GND
0.15 pF
GND
0.32 pF
0.6 pF
GND
24
GND
7
0.7 pF
GND
6.4 pF
1.6 pF
GND
5
GND
Sampling Switch
Figure 8-1. Equivalent input network
8.3.1.1 Analog Input Bandwidth
Figure 8-2 shows the analog full power input bandwidth of the ADC368x with a 50 Ω differential termination.
The -3 dB bandwidth is approximately 900 MHz and the useful input bandwidth with good AC performance is
approximately 120 MHz.
The equivalent differential input resistance RIN and input capacitance CIN vs frequency are shown in Figure 8-3.
Input Frequency (MHz)
10
100
1000
-6
-5
-4
-3
-2
-1
0
ADC3
Figure 8-2. ADC Analog Input bandwidth response
Figure 8-3. Equivant RIN, CIN vs Input Frequency
www.ti.com
ADC3681, ADC3682, ADC3683
SBAS872B – DECEMBER 2020 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ADC3681 ADC3682 ADC3683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com