Electronic Components Datasheet Search
  English  ▼

X  

ADS1291IPBS Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1291IPBS
Description  ADS129x Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1291IPBS Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1291IPBS Datasheet HTML 4Page - Texas Instruments ADS1291IPBS Datasheet HTML 5Page - Texas Instruments ADS1291IPBS Datasheet HTML 6Page - Texas Instruments ADS1291IPBS Datasheet HTML 7Page - Texas Instruments ADS1291IPBS Datasheet HTML 8Page - Texas Instruments ADS1291IPBS Datasheet HTML 9Page - Texas Instruments ADS1291IPBS Datasheet HTML 10Page - Texas Instruments ADS1291IPBS Datasheet HTML 11Page - Texas Instruments ADS1291IPBS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
8
ADS1291, ADS1292, ADS1292R
SBAS502C – DECEMBER 2011 – REVISED APRIL 2020
www.ti.com
Product Folder Links: ADS1291 ADS1292 ADS1292R
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications apply from –40°C to +85°C; typical specifications are at +25°C; all specifications are at
DVDD = 1.8 V, AVDD – AVSS = 3 V
(1), V
REF = 2.42 V, external fCLK = 512 kHz, data rate = 500 SPS, CFILTER = 4.7 nF
(2), and
gain = 6 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER
–3-dB bandwidth
0.262 fDR
Hz
Digital filter settling
Full setting
4
Conversions
RIGHT LEG DRIVE (RLD) AMPLIFIER
RLD integrated noise
BW = 150 Hz
1.4
μVRMS
GBP
Gain bandwidth product
50 k
Ω || 10 pF load, gain = 1
100
kHz
SR
Slew rate
50 k
Ω || 10 pF load, gain = 1
0.07
V/μs
THD
Total harmonic distortion
fIN = 100 Hz, gain = 1
–85
dB
CMIR
Common-mode input range
AVSS + 0.3
AVDD – 0.3
V
Common-mode resistor matching
Internal 200-k
Ω resistor matching
0.1
%
ISC
Short-circuit current
1.1
mA
Quiescent power consumption
5
μA
LEAD-OFF DETECT
Frequency
See Register Map section for settings
0, fDR / 4
kHz
Current
ILEAD_OFF [1:0] = 00
6
nA
ILEAD_OFF [1:0] = 01
22
nA
ILEAD_OFF [1:0] = 10
6
μA
ILEAD_OFF [1:0] = 11
22
μA
Current accuracy
±10
%
Comparator threshold accuracy
±10
mV
RESPIRATION (ADS1292R)
Frequency
Internal source
32, 64
kHz
External source
32
64
kHz
Phase shift
See Register Map section for settings
0
112.5
168.75
Degrees
Impedance range
IRESP = 30 µA
2000
10,000
Ω
Impedance measurement noise
0.05-Hz to 2-Hz brick wall filter, 32-kHz
modulation clock, phase = 112.5,
using IRESP = 30 µA with 2-kΩ baseline load,
gain = 4
40
mΩPP
Maximum modulator current
Using Internal reference
100
μA
EXTERNAL REFERENCE
Reference input voltage
3-V supply VREF = (VREFP – VREFN)
2
2.5
VDD – 0.3
V
5-V supply VREF = (VREFP – VREFN)
2
4
VDD – 0.3
V
VREFN
Negative input
AVSS
V
VREFP
Positive input
AVSS + 2.5
V
Input impedance
120
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com