Electronic Components Datasheet Search
  English  ▼

X  

ADS5240IPAP Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS5240IPAP
Description  4-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5240IPAP Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5240IPAP Datasheet HTML 14Page - Texas Instruments ADS5240IPAP Datasheet HTML 15Page - Texas Instruments ADS5240IPAP Datasheet HTML 16Page - Texas Instruments ADS5240IPAP Datasheet HTML 17Page - Texas Instruments ADS5240IPAP Datasheet HTML 18Page - Texas Instruments ADS5240IPAP Datasheet HTML 19Page - Texas Instruments ADS5240IPAP Datasheet HTML 20Page - Texas Instruments ADS5240IPAP Datasheet HTML 21Page - Texas Instruments ADS5240IPAP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
REFERENCE CIRCUIT DESIGN
CLOCKING
REF
T
REF
B
I
SET
0.1
µF
2.2
µF
2
Ω
2
Ω
2.2
µF
0.1
µF
56.2k
Ω
ADS5240
ADS5240
SBAS326E – JUNE 2004 – REVISED JANUARY 2009 ...................................................................................................................................................... www.ti.com
and REFB externally. In this mode, the internal
reference buffer is tri-stated. Since the switching
The digital beam-forming algorithm relies heavily on
current for the four ADCs come from the externally
gain matching across all receiver channels. A typical
forced references, it is possible for the performance
system would have about 24 quad ADCs on the
to be slightly less than when the internal references
board. In such a case, it is critical to ensure that the
are used. It should be noted that in this mode, VCM
gain is matched, essentially requiring the reference
and ISET continue to be generated from the internal
voltages seen by all the ADCs to be the same.
bandgap voltage, as in the internal reference mode. It
Matching references within the four channels of a
is
therefore
important
to
ensure
that
the
chip is done by using a single internal reference
common-mode
voltage
of
the
externally
forced
voltage buffer. Trimming the reference voltages on
reference voltages matches to within 50mV of VCM.
each chip during production ensures the reference
The state of the reference voltages during various
voltages are well matched across different chips.
combinations of PD and INT/EXT is shown in
Table 1.
All bias currents required for the internal operation of
the device are set using an external resistor to
Table 1. State of Reference Voltages for Various
ground at pin ISET. Using a 56.2kΩ resistor on ISET
Combinations of PD and INT/EXT
generates an internal reference current of 20
µA. This
current is mirrored internally to generate the bias
PD
0
0
1
1
current for the internal blocks. Using a larger external
INT/EXT
0
1
0
1
resistor at ISET reduces the reference bias current and
REFT
Tri-State
1.95V
Tri-State
Tri-State
thereby scales down the device operating power.
REFB
Tri-State
0.95V
Tri-State
Tri-State
However, it is recommended that the external resistor
be within 10% of the specified value of 56.2k
Ω so
VCM
1.45V
1.45V
Tri-State(1)
Tri-State(1)
that the internal bias margins for the various blocks
(1) Weak pull-down (approximately 5k
Ω) to ground.
are proper.
Buffering the internal bandgap voltage also generates
a voltage called VCM, which is set to the midlevel of
REFT and REFB, and is accessible on a pin. It is
The four channels on the chip operate from a single
meant as a reference voltage to derive the input
ADCLK input. To ensure that the aperture delay and
common-mode in case the input is directly coupled. It
jitter are same for all the channels, a clock tree
can
also
be
used
to
derive
the
reference
network is used to generate individual sampling
common-mode voltage in the external reference
clocks to each channel. The clock paths for all the
mode.
channels are matched from the source point all the
way to the sample-and-hold amplifier. This ensures
When using the internal reference mode, a 2
Ω
that the performance and timing for all the channels
resistor should be added between the reference pins
are identical. The use of the clock tree for matching
(REFT and REFB) and the decoupling capacitor, as
introduces an aperture delay, which is defined as the
shown in Figure 15. If the device is used in the
delay between the rising edge of ADCLK and the
external reference mode, this 2
Ω resistor is not
actual instant of sampling. The aperture delays for all
required.
the channels are matched to the best possible extent.
However, a mismatch of ±20ps (±3
σ) could exist
between the aperture instants of the four ADCs within
the same chip. However, the aperture delays of
ADCs across two different chips can be several
hundred
picoseconds
apart.
Another
critical
specification is the aperture jitter that is defined as
the uncertainty of the sampling instant. The gates in
the clock path are designed to provide an rms jitter of
approximately 1ps.
Ideally, the input ADCLK should have a 50% duty
cycle. However, while routing ADCLK to different
components onboard, the duty cycle of the ADCLK
reaching the ADS5240 could deviate from 50%. A
smaller (or larger) duty cycle reduces the time
Figure 15. Internal Reference Mode
available for sample or hold phases of each circuit,
and is therefore not optimal. For this reason, the
The device also supports the use of external
internal PLL is used to generate an internal clock that
reference voltages. This mode involves forcing REFT
has 50% duty cycle. The input sampling instant,
18
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com