Electronic Components Datasheet Search
  English  ▼

X  

ADS5463 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS5463
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5463 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5463 Datasheet HTML 20Page - Texas Instruments ADS5463 Datasheet HTML 21Page - Texas Instruments ADS5463 Datasheet HTML 22Page - Texas Instruments ADS5463 Datasheet HTML 23Page - Texas Instruments ADS5463 Datasheet HTML 24Page - Texas Instruments ADS5463 Datasheet HTML 25Page - Texas Instruments ADS5463 Datasheet HTML 26Page - Texas Instruments ADS5463 Datasheet HTML 27Page - Texas Instruments ADS5463 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
200
10
400
600
64
64
64
63
63
63
63
61
61
61
61
60
60
60
60
60
62
62
62
62
58
58
57
57
56
54
55
56
58
59
59
59
59
800
f
– InputFrequency – MHz
IN
SNR – dBFS
1000
1200
1400
1800
1600
2100
40
100
400
200
300
500
600
52
54
60
58
56
62
64
M0048-21
2000
200
10
400
600
85
85
85
85
80
80
80
80
80
65
65
65
60
60
60
70
70
70
70
75
75
75
75
75
75
55
55
50
50
45
45
45
50
55
800
f
– InputFrequency – MHz
IN
SFDR – dBc
1000
1200
1400
1800
1600
2100
40
100
400
200
300
500
600
40
50
70
60
80
90
M0049-21
2000
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
ADS54RF63 TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
SNR vs INPUT FREQUENCY AND SAMPLING FREQUENCY (ADS54RF63 Only)
Figure 43.
SFDR vs INPUT FREQUENCY AND SAMPLING FREQUENCY (ADS54RF63 Only)
Figure 44.
24
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com