Electronic Components Datasheet Search
  English  ▼

X  

AFE5801 Datasheet(PDF) 6 Page - Texas Instruments

Part # AFE5801
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5801 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 2Page - Texas Instruments AFE5801 Datasheet HTML 3Page - Texas Instruments AFE5801 Datasheet HTML 4Page - Texas Instruments AFE5801 Datasheet HTML 5Page - Texas Instruments AFE5801 Datasheet HTML 6Page - Texas Instruments AFE5801 Datasheet HTML 7Page - Texas Instruments AFE5801 Datasheet HTML 8Page - Texas Instruments AFE5801 Datasheet HTML 9Page - Texas Instruments AFE5801 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
6
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
6 Device Comparison Table
DEVICE
DESCRIPTION
PACKAGE
BODY SIZE (NOM)
ADS5294
Octal-channel, 14-bit, 80-MSPS ADC, 75-dBFS SNR, 77 mW/ch
HTQFP (80)
14.00 mm × 14.00 mm
ADS5292
Octal-channel, 12-bit, 80-MSPS ADC, 70-dBFS SNR, 66 mW/ch
HTQFP (80)
14.00 mm × 14.00 mm
ADS5295
Octal-channel, 12-bit, 100-MSPS ADC, 70.6-dBFS SNR, 80 mW/ch
HTQFP (80)
14.00 mm × 14.00 mm
ADS5296A
10-bit, 200-MSPS, 4-channel, 61-dBFS SNR, 150-mW/ch and 12-bit, 80-MSPS,
8-channel, 70-dBFS SNR, 65-mW/ch ADC
VQFN (64)
9.00 mm × 9.00 mm
AFE5801
8-channel variable-gain amplifier (VGA) with octal high-speed ADC, 5.5 nV/
√Hz,
12 bits, 65 MSPS, 65 mW/ch
VQFN (64)
9.00 mm × 9.00 mm
AFE5803
8-channel AFE, 0.75 nV/
√Hz, 14 and 12 bits, 65 MSPS, 158 mW/ch
NFBGA (135)
15.00 mm × 9.00 mm
AFE5804
8-channel AFE, 1.23 nV/
√Hz, 12 bits, 50 MSPS, 101 mW/ch
NFBGA (135)
15.00 mm × 9.00 mm
AFE5805
8-channel AFE, 0.85 nV/
√Hz, 12 bits, 50 MSPS, 122 mW/ch
NFBGA (135)
15.00 mm × 9.00 mm
AFE5807
8-channel AFE with passive CW mixer, 1.05 nV/
√Hz, 12 bits, 80 MSPS, 117 mW/ch
NFBGA (135)
15.00 mm × 9.00 mm
AFE5808A
8-channel AFE with passive CW mixer, 0.75 nV/
√Hz, 14 and 12 bits,
65 MSPS, 158 mW/ch
NFBGA (135)
15.00 mm × 9.00 mm
AFE5809
8-channel AFE with passive CW mixer, and digital I/Q demodulator,
0.75 nV/
√Hz, 14 and 12 bits, 65 MSPS, 158 mW/ch
NFBGA (135)
15.00 mm × 9.00 mm
AFE5812
Fully integrated, 8-channel AFE with passive CW mixer, and digital I/Q demodulator,
0.75 nV/
√Hz, 14 and 12 bits, 65 MSPS, 180 mW/ch
NFBGA (135)
15.00 mm × 9.00 mm
AFE5818
16-Channel AFE with 124-mW/Channel, 0.75-nV/
√Hz Noise, 14-Bit, 65-MSPS or 12-
Bit, 80-MSPS ADC, and Passive CW Mixer
NFBGA (289)
15.00 mm × 15.00 mm
AFE5816
16-channel AFE with 90-mW/channel, 1-nV/
√Hz noise, 14-bit, 65-MSPS or 12-bit, 80-
MSPS ADC and passive CW mixer
NFBGA (289)
15.00 mm × 15.00 mm
AFE5851
16-channel VGA with high-speed ADC, 5.5 nV/
√Hz, 12 bits, 32.5 MSPS, 39 mW/ch
VQFN (64)
9.00 mm × 9.00 mm
VCA8500
8-channel, ultralow-power VGA with low-noise pre-amp, 0.8 nV/
√Hz, 65 mW/ch
VQFN (64)
9.00 mm × 9.00 mm
VCA5807
8-channel voltage-controlled amplifier with passive CW mixer,
0.75 nV/
√Hz, 99 mW/ch
HTQFP (80)
14.00 mm × 14.00 mm
PGA5807A
Integrated 8-channel AFE with LNA, PGA, and LPF,2.1 nV/
√Hz, 60 mW/ch
VQFN (64)
9.00 mm × 9.00 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com