Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 59 Page - Texas Instruments

Part # AFE5807
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5807 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 55Page - Texas Instruments AFE5807 Datasheet HTML 56Page - Texas Instruments AFE5807 Datasheet HTML 57Page - Texas Instruments AFE5807 Datasheet HTML 58Page - Texas Instruments AFE5807 Datasheet HTML 59Page - Texas Instruments AFE5807 Datasheet HTML 60Page - Texas Instruments AFE5807 Datasheet HTML 61Page - Texas Instruments AFE5807 Datasheet HTML 62Page - Texas Instruments AFE5807 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
59
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
In addition to the above, the SYNC also synchronizes the RAMP test patterns across channels. In order to
synchronize the test patterns, TP_HARD_SYNC must be set as '1'. Setting TP_HARD_SYNC = 1 actually
disables the sync of the filters.
9.6.1.14 External Reference Mode of Operation
The ADS5294 supports an external reference mode of operation in one of two ways:
a. By forcing the reference voltages on the REFT and REFB pins.
b. By applying the reference voltage on VCM pin.
This mode can be used to operate multiple ADS5294 chips with the same (externally applied) reference voltage.
Using the REF pins:
For normal operation, the device requires two reference voltages: REFT and REFB. By default, the device
generates these two voltages internally. To enable the external reference mode, set the register bits as shown in
Table 23 which powers down the internal reference amplifier and the two reference voltages are forced directly
on the REFT and REFB pins as VREFT = 1.45 V ± 50 mV and VREFB = 0.45 V ±50 mV.
Note that the relation between the ADC full-scale input voltage and the applied reference voltages is
Full-scale input voltage = 2 × (VREFT – VREFB)
(5)
Using the VCM pin:
In this mode, an external reference voltage VREFIN can be applied to the VCM pin such that
Full-scale input voltage = 2 × VREFIN x (2 / 3)
(6)
To enable this mode, set the register bits as shown in Table 23 which changes the function of the VCM pin to an
external reference input pin. The voltage applied on VCM must be 1.5 V ±50 mV.
Table 23. External Reference Function
Function
EN_HIGH_ADDRS (
0x1[4])
EN_EXT_REF (0xF0[15])
EXT_REF_VCM
(0x42[15,3])
External reference using REFT and REFB pins
1
1
00
External reference using VCM pin
1
1
11
9.6.1.15 Data Output Format Modes
Table 24. Data Output Format Modes
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
46
1
X
BTC_MODE
46
1
X
MSB_FIRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com