Electronic Components Datasheet Search
  English  ▼

X  

ADS5424IPGPR Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5424IPGPR
Description  14 Bit, 105 MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5424IPGPR Datasheet(HTML) 3 Page - Texas Instruments

  ADS5424IPGPR Datasheet HTML 1Page - Texas Instruments ADS5424IPGPR Datasheet HTML 2Page - Texas Instruments ADS5424IPGPR Datasheet HTML 3Page - Texas Instruments ADS5424IPGPR Datasheet HTML 4Page - Texas Instruments ADS5424IPGPR Datasheet HTML 5Page - Texas Instruments ADS5424IPGPR Datasheet HTML 6Page - Texas Instruments ADS5424IPGPR Datasheet HTML 7Page - Texas Instruments ADS5424IPGPR Datasheet HTML 8Page - Texas Instruments ADS5424IPGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ADS5424
SLWS157B − JANUARY 2005 − REVISED JANUARY 2010
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Over full temperature range (TMIN = −40°C to TMAX = 85°C), sampling rate = 105 MSPS, 50% clock duty cycle, AVDD = 5 V, DRVDD = 3.3 V,
−1 dBFS differential input, and 3 VPP differential sinusoidal clock, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
Bits
Analog Inputs
Differential input range
2.2
VPP
Differential input resistance
See Figure 32
1
k
Ω
Differential input capacitance
See Figure 32
1.5
pF
Analog input bandwidth
570
MHz
Internal Reference Voltages
Reference voltage, VREF
2.4
V
Dynamic Accuracy
No missing codes
Tested
Differential linearity error, DNL
fIN = 5 MHz
−0.95
±0.5
1.5
LSB
Integral linearity error, INL
fIN = 5 MHz
±1.5
LSB
Offset error
−5
0
5
mV
Offset temperature coefficient
1.7
ppm/
°C
Gain error
−5
0.9
5
%FS
PSRR
1
mV/V
Gain temperature coefficient
77
ppm/
°C
Power Supply
FS = 92.16 MSPS
355
Analog supply current, IAVDD
VIN = full scale, fIN = 70 MHz
FS = 105 MSPS
355
410
mA
FS = 92.16 MSPS
38
Output buffer supply current, IDRVDD
VIN = full scale, fIN = 70 MHz
FS = 105 MSPS
40
47
mA
Total power with 10-pF load
FS = 92.16 MSPS
1.9
Power dissipation
on each digital output to
ground, fIN = 70 MHz
FS = 105 MSPS
1.9
2.2
W
Power-up time
FS = 105 MSPS
20
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com