Electronic Components Datasheet Search
  English  ▼

X  

AFE5809 Datasheet(PDF) 41 Page - Texas Instruments

Part # AFE5809
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5809 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AFE5809 Datasheet HTML 37Page - Texas Instruments AFE5809 Datasheet HTML 38Page - Texas Instruments AFE5809 Datasheet HTML 39Page - Texas Instruments AFE5809 Datasheet HTML 40Page - Texas Instruments AFE5809 Datasheet HTML 41Page - Texas Instruments AFE5809 Datasheet HTML 42Page - Texas Instruments AFE5809 Datasheet HTML 43Page - Texas Instruments AFE5809 Datasheet HTML 44Page - Texas Instruments AFE5809 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
41
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Register Maps (continued)
Table 6. Summary of Functions Supported by Serial Interface (1)(2)(3)(4) (continued)
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
25
X
0
0
EN_RAMP
1: Enables a repeating full-scale ramp pattern on the outputs;
0: Normal operation
0
X
0
DUALCUSTOM_PAT
1:Enables mode wherein output toggles between two defined codes;
0: Normal operation
0
0
X
SINGLE_CUSTOM_PAT
1: Enables mode wherein output is a constant specified code;
0: Normal operation
X
X
BITS_CUSTOM1<13:12>
2 MSBs for single custom pattern (and for the first code of the dual
custom patterns)
X
X
BITS_CUSTOM2<13:12>
2 MSBs for second code of the dual custom patterns
X
TP_SOFT_SYNC
1: Software sync bit for test patterns on all 8 CHs;
0: No sync. Note: in order to synchronize the digital filters using the
SYNC pin, this bit must be set as 0.
X
PRBS_TP_EN
1: PRBS test pattern enable bit;
0: PRBS test pattern disabled
X
PRBS_MODE_2
PRBS 9 bit LFSR (23bit LFSR is default)
X
PRBS_SEED_FROM_REG
1: Enable PRBS seed to be chosen from register 0x23 and 0x24;
0: Disabled
X
TP_HARD_SYNC
1: Enable the external SYNC feature for syncing test patterns.
0: Inactive. Note: in order to synchronize the digital filters using the
SYNC pin, this bit must be set as 0.
26
X
X
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM1<11:0>
12 lower bits for single custom pattern (and for the first code of the
dual custom pattern).
27
X
X
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM2<11:0>
12 lower bits for second code of the dual custom pattern
28
X
EN_BITORDER
Enables the bit order output.
0 = byte-wise, 1 = word-wise or bit-wise
X
X
BIT_WISE
Selects between byte-wise and bit-wise
1: bit-wise, odd bits come out on one wire and even bits come out on
other wire. D15 must be set to '1' for the bit-wise mode.
0: byte-wise, upper bits on one wire and lower bits on other wire
D15 must be set to '0' for the byte-wise mode.
1
X
X
X
X
X
X
X
X
EN_WORDWISE__BY_CH<7:0>
1: Output format is one sample on one LVDS wire and next sample
on other LVDS wire.
0: Data comes out in 2-wire mode with upper set of bits on one
channel and lower set of bits on the other.
Note: D15 must set to '1' for the word-wise mode.
29
X
GLOBAL_EN_FILTER
1: Enables filter blocks - global control;
0: Inactive
X
EN_CHANNEL_AVG
1: Enables channel averaging mode;
0: Inactive
2A
X
X
X
X
GAIN_CH1<3:0>
Programmable gain - Channel 1
X
X
X
X
GAIN_CH2<3:0>
Programmable gain - Channel 2
X
X
X
X
GAIN_CH3<3:0>
Programmable gain - Channel 3
X
X
X
X
GAIN_CH4<3:0>
Programmable gain - Channel 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com