Electronic Components Datasheet Search
  English  ▼

X  

ADS5521 Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS5521
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5521 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5521 Datasheet HTML 22Page - Texas Instruments ADS5521 Datasheet HTML 23Page - Texas Instruments ADS5521 Datasheet HTML 24Page - Texas Instruments ADS5521 Datasheet HTML 25Page - Texas Instruments ADS5521 Datasheet HTML 26Page - Texas Instruments ADS5521 Datasheet HTML 27Page - Texas Instruments ADS5521 Datasheet HTML 28Page - Texas Instruments ADS5521 Datasheet HTML 29Page - Texas Instruments ADS5521 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
www.ti.com
OUTPUT INFORMATION
INTERNAL DLL
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
DLL OFF mode described in the Serial Interface
Programming section. The Typical Performance
Curves show the performance obtained in both
modes of operation: DLL ON (default) and DLL OFF.
In either of the two modes, the device enters
power-down mode if no clock or slow clock is
provided. The limit of the clock frequency where the
device functions properly with default settings is
ensured to be over 2 MHz.
The ADC provides 14 data outputs (D13 to D0, with
D13 being the MSB and D0 the LSB), a data-ready
signal (CLKOUT, pin 43), and an out-of-range
indicator (OVR, pin 64) that equals one when the
output reaches the full-scale limits.
Figure 49. AC Performance vs Clock Duty Cycle
Two different output formats (straight offset binary or
Bandpass filtering of the clock source can help
two's complement) and two different output clock
produce a 50% duty cycle clock and reduce the
polarities (latching output data on rising or falling
effect of jitter. When using a sinusoidal clock, the
edge of the output clock) can be selected by setting
clock jitter further improves as the amplitude is
DFS (pin 40) to one of four different voltages.
increased. In that sense, using a differential clock
Table 3 details the four modes. In addition, output
allows for the use of larger amplitudes without
enable control (OE, pin 41, active high) is provided to
exceeding the supply rails and absolute maximum
put the outputs into a high-impedance state.
ratings of the ADC clock input. Figure 50 shows the
In the event of an input voltage overdrive, the digital
performance variation of the device versus input
outputs go to the appropriate full scale level. For a
clock amplitude. For detailed clocking schemes
positive overdrive, the output code is 0x3FFF in
based on transformer or PECL-level clocks, see the
straight offset binary output format, and 0x1FFF in
ADS5500EVM user's guide (SLWU010), available for
2's complement output format. For a negative input
download from www.ti.com.
overdrive, the output code is 0x0000 in straight offset
binary
output
format
and
0x2000
in
two's
complement output format. These outputs to an
overdrive signal are ensured through design and
characterization.
The output circuitry of the ADS5500, by design,
minimizes the noise produced by the data switching
transients and, in particular, its coupling to the ADC
analog circuitry. Output D4 (pin 51) senses the load
capacitance and adjusts the drive capability of all the
output pins of the ADC to maintain the same output
slew rate described in the timing diagram of Figure 1.
Care should be taken to ensure that all output lines
(including CLKOUT) have nearly the same load as
D4 (pin 51). This circuit also reduces the sensitivity
of the output timing versus supply voltage or
temperature. Placing external resistors in series with
Figure 50. AC Performance vs Clock Amplitudes
the outputs is not recommended.
The timing characteristics of the digital outputs
change for sampling rates below the 125 Msps
maximum sampling frequency. Table 5 through
In order to obtain the fastest sampling
rates
Table
7
show
the
values
of
various
timing
achievable with the ADS5500, the device uses an
parameters for lower sampling frequencies, both with
internal digital delay lock loop (DLL). Nevertheless,
DLL on and off.
the limited frequency range of operation of DLL
degrades the performance at clock frequencies
below 60 Msps. In order to operate the device below
60 Msps, the internal DLL must be shut off using the
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com