Electronic Components Datasheet Search
  English  ▼

X  

ADS5541 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS5541
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5541 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5541 Datasheet HTML 6Page - Texas Instruments ADS5541 Datasheet HTML 7Page - Texas Instruments ADS5541 Datasheet HTML 8Page - Texas Instruments ADS5541 Datasheet HTML 9Page - Texas Instruments ADS5541 Datasheet HTML 10Page - Texas Instruments ADS5541 Datasheet HTML 11Page - Texas Instruments ADS5541 Datasheet HTML 12Page - Texas Instruments ADS5541 Datasheet HTML 13Page - Texas Instruments ADS5541 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
www.ti.com
DEFINITION OF SPECIFICATIONS
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
PIN CONFIGURATION (continued)
PIN ASSIGNMENTS (continued)
TERMINAL
NO. OF
I/O
DESCRIPTION
PINS
NAME
NO.
DRGND
1, 42, 48, 50, 57, 59
6
I
Output driver ground
INP
19
1
I
Differential analog input (positive)
INM
20
1
I
Differential analog input (negative)
REFP
29
1
O
Reference voltage (positive); 1-
µF capacitor to GND
REFM
30
1
O
Reference voltage (negative); 1-
µF capacitor to GND
IREF
31
1
I
Current set; 56.2-k
Ω resistor to GND; do not connect capacitors
CM
17
1
O
Common-mode output voltage
RESET
35
1
I
Reset (active high), internal 200-k
Ω resistor to AVDD (1)
OE
41
1
I
Output enable (active high)
DFS
40
1
I
Data format and clock out polarity select (2)(3)
CLKP
10
1
I
Data converter differential input clock (positive)
CLKM
11
1
I
Data converter differential input clock (negative)
SEN
4
1
I
Serial interface chip select (3)
SDATA
3
1
I
Serial interface data (3)
SCLK
2
1
I
Serial interface clock (3)
D0 (LSB)–D13(MSB)
44-47, 51-56, 60-63
14
O
Parallel data output
OVR
64
1
O
Over-range indicator bit
CLKOUT
43
1
O
CMOS clock out in sync with data
NOTE: PowerPAD must be connected to analog ground.
(1)
If unused, the RESET pin should be tied to AGND. See the serial programming interface section for details.
(2)
Table 3 defines the voltage levels for each mode selectable via the DFS pin.
(3)
Pins OE, DFS, SEN, SDATA, and SCLK have internal clamping diodes to the DRVDD supply. Any external circuit driving these pins
must also run off the same supply voltage as DRVDD.
Minimum Conversion Rate
Analog Bandwidth
The minimum sampling rate at which the ADC
The analog input frequency at which the power of the
functions.
fundamental is reduced by 3 dB with respect to the
low frequency value.
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions at analog
Aperture Delay
input values spaced exactly 1 LSB apart. The DNL is
The delay in time between the falling edge of the
the deviation of any single step from this ideal value,
input sampling clock and the actual time at which the
measured in units of LSBs.
sampling occurs.
Integral Nonlinearity (INL)
Aperture Uncertainty (Jitter)
The INL is the deviation of the ADC's transfer
The sample-to-sample variation in aperture delay.
function from a best fit line determined by a least
squares curve fit of that transfer function, measured
Clock Pulse Width/Duty Cycle
in units of LSBs.
The duty cycle of a clock signal is the ratio of the
time the clock signal remains at a logic high (clock
Gain Error
pulse width) to the period of the clock signal. Duty
The gain error is the deviation of the ADC's actual
cycle is typically expressed as a percentage. A
input full-scale range from its ideal value. The gain
perfect differential sine-wave clock results in a 50%
error is given as a percentage of the ideal input
duty cycle.
full-scale range. Gain error does not account for
variations in the internal reference voltages (see the
Maximum Conversion Rate
Electrical Specifications section for limits on the
The maximum sampling rate at which certified
variation of VREFP and VREFM).
operation is given. All parametric testing is performed
at this sampling rate unless otherwise noted.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com