Electronic Components Datasheet Search
  English  ▼

X  

ADS825 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS825
Description  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS825 Datasheet(HTML) 2 Page - Texas Instruments

  ADS825 Datasheet HTML 1Page - Texas Instruments ADS825 Datasheet HTML 2Page - Texas Instruments ADS825 Datasheet HTML 3Page - Texas Instruments ADS825 Datasheet HTML 4Page - Texas Instruments ADS825 Datasheet HTML 5Page - Texas Instruments ADS825 Datasheet HTML 6Page - Texas Instruments ADS825 Datasheet HTML 7Page - Texas Instruments ADS825 Datasheet HTML 8Page - Texas Instruments ADS825 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADS822, ADS825
2
SBAS069B
ADS822E
ADS825E(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
10
10
Bits
SPECIFIED TEMPERATURE RANGE
Ambient Air
–40 to +85
–40 to +85
°C
ANALOG INPUT
Standard Single-Ended Input Range
2Vp-p
1.5
3.5
✻✻
V
Optional Single-Ended Input Range
1Vp-p
2
3
✻✻
V
Common-Mode Range
2.5
✻
V
Optional Differential Input Range
2Vp-p
2
3
✻✻
V
Analog Input Bias Current
1
✻
µA
Input Impedance
1.25 || 5
✻
M
Ω || pF
Track-Mode Input Bandwidth
–3dBFS Input
300
✻
MHz
CONVERSION CHARACTERISTICS
Sample Rate
10k
40M
✻✻
Samples/s
Data Latency
5
✻
Clk Cyc
DYNAMIC CHARACTERISTICS
Differential Linearity Error (largest code error)
f = 1MHz
±0.25
±1.0
✻✻
LSB
f = 10MHz
±0.5
✻
LSB
No Missing Codes
Tested
Tested
Integral Nonlinearity Error, f = 1MHz
±0.5
±2.0
✻✻
LSBs
Spurious-Free Dynamic Range(2)
Referred to Full-Scale
f = 1MHz
72
71
dBFS(3)
f = 10MHz
63
66
60
65
dBFS
2-Tone Intermodulation Distortion(4)
f = 9.5MHz and 9.9MHz (–7dB each tone)
–67
✻
dBc
Signal-to-Noise Ratio (SNR)
Referred to Full-Scale
f = 1MHz
60
✻
dB
f = 10MHz
57
60
✻✻
dB
Signal-to-(Noise + Distortion) (SINAD)
Referred to Full-Scale
f = 1MHz
59
✻
dB
f = 10MHz
56
58
✻✻
dB
Effective Number of Bits(5), f = 1MHz
9.5
✻
Bits
Output Noise
Input Tied to Common-Mode
0.2
✻
LSBs rms
Aperture Delay Time
3
✻
ns
Aperture Jitter
1.2
✻
ps rms
Overvoltage Recovery Time
2
✻
ns
Full-Scale Step Acquisition Time
5
✻
ns
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PRODUCT
DEMO BOARD
ADS822E
DEM-ADS822E
DEMO BOARD ORDERING INFORMATION
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V, single-ended input range = 1.5V to 3.5V, sampling rate = 40MHz and, external reference, unless otherwise noted.
+VS ....................................................................................................... +6V
Analog Input ............................................................. –0.3V to (+VS + 0.3V)
Logic Input ............................................................... –0.3V to (+VS + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS822
SSOP-28
DB
–40
°C to +85°C
ADS822E
ADS822E
Rails,
"
"""
"
ADS822E/1K
Tape and Reel, 1000
ADS825
SSOP-28
DB
–40
°C to +85°C
ADS825E
ADS825E
Rails,
"
"""
"
ADS825E/1K
Tape and Reel, 1000
NOTES: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com