Electronic Components Datasheet Search
  English  ▼

X  

C77100221 Datasheet(PDF) 1 Page - Glamox

Part # C77100221
Description  C77-R160x160 WH 1800DALI 830 LI SM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

C77100221 Datasheet(HTML) 1 Page - Glamox

  C77100221 Datasheet HTML 1Page - Glamox C77100221 Datasheet HTML 2Page - Glamox C77100221 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/3
C77-R160x160 WH 1800
DALI 830 LI SM
The C77-R MINI is a series of slender recessed downlight
with rounded corners and an industrial appearance. The
futuristic metal housing with arrays of specially designed
reflector optics ensures full glare control and comfortable
light.
Item No.
C77100221
GTIN
7054131002214
Stock status code
B
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Square
EPD (Environmental Product Declaration)
true
LMS System
Number of DALI addresses
1
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
15.64
Number Of Luminaire MCB 10B
18
Number Of Luminaire MCB 10C
31
Number Of Luminaire MCB 16B
30
Number Of Luminaire MCB 16C
51
Optic
Optic Name
SM - Silver matt reflector
UGR (70/50/20 & 4H-8H crosswise)
21
Optic main category
Reflector
Certificates
Certification
ENEC
DALI 2 certified
true
Technical Data
Minimum TA (ºC)
-25
Maximum TA (ºC)
25
IK classification
08
IP classification
40 from underneath \ 20 from above
Light Technical Data
Light source
LED
Lumen Out (lm)
1731
Lumen Per Watt (lm/W)
111
Lamp colour temp (K)
3000
Colour Rendering Index
>80
MacAdam step
3
Energy Class Light Source
E
Driver / Ballast
Type of LED Driver
DALI: Dimming
DALI-2 part 251, 252, 253
true
Number of Driver
1
Lifetime
LED Lifetime L80B50 Ta25 (h)
100 000
LED Lifetime L80B50 Max Ta (h)
100 000
Driver lifetime at Ta=25, 10% failure rate (h)
100000
Driver lifetime at Ta=45, 10% failure rate (h)
50000
Luminous flux decline (LLMF) 50.000h Ta25
0.96
Housing
Body Material
Steel
Body Colour
WH - White
Main Body Colour Name
Traffic white
Main Body Colour RAL code
RAL 9016
Dimensions
Length (mm)
160
Width (mm)
160
Height (mm)
32
Cut out (mm)
133x133
Item Net Weight (kg)
0.644


Similar Part No. - C77100221

ManufacturerPart #DatasheetDescription
logo
Glamox
C77100213 GLAMOX-C77100213 Datasheet
285Kb / 3P
C77-R230x230 WH 1800DALI 840 LI SM
C77100277 GLAMOX-C77100277 Datasheet
294Kb / 3P
C77-R160x160 BL 1000 HF830 LI BM
C77100279 GLAMOX-C77100279 Datasheet
268Kb / 3P
C77-R230x230 BL 1600 HF830 LI BM
More results

Similar Description - C77100221

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPP24-830 TRIAD-VPP24-830 Datasheet
46Kb / 1P
VPP24-830
logo
TAI-SAW TECHNOLOGY CO.,...
TA0907A TAI-SAW-TA0907A Datasheet
457Kb / 7P
SAW Filter 830 MHz
logo
Adels-Contact
326002 ADELS-326002 Datasheet
120Kb / 1P
GSK 830 V/ 2
326003 ADELS-326003 Datasheet
120Kb / 1P
GSK 830 V/ 3
326005 ADELS-326005 Datasheet
111Kb / 1P
GSK 830 V/ 5
326006 ADELS-326006 Datasheet
111Kb / 1P
GSK 830 V/ 6
326402 ADELS-326402 Datasheet
119Kb / 1P
GSK 830 H/ 2
326404 ADELS-326404 Datasheet
121Kb / 1P
GSK 830 H/ 4
326406 ADELS-326406 Datasheet
111Kb / 1P
GSK 830 H/ 6
logo
Pepperl+Fuchs Inc.
BPTPROX2 PF-BPTPROX2 Datasheet
575Kb / 1P
Battery pack Li-Ion 28,12 Wh
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com