Electronic Components Datasheet Search
  English  ▼

X  

MB85R1002A Datasheet(PDF) 6 Page - RAMXEED LIMITED

Part # MB85R1002A
Description  1 M Bit (64 K x 16)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R1002A Datasheet(HTML) 6 Page - RAMXEED LIMITED

Back Button MB85R1002A Datasheet HTML 2Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 3Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 4Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 5Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 6Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 7Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 8Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 9Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 10Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MB85R1002A
6
DS501-00004-6v1E
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(within recommended operating conditions)
*1 : During the measurement of IDD, the Address, Data In were taken to only change once per active cycle.
Iout : output current
*2 : All pins other than setting pins should be input at the CMOS level voltages such as H  VDD  0.2 V, L  0.2 V.
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input Leakage Current
|ILI|
VIN = 0 V to VDD
10
A
Output Leakage Current
|ILO|
VOUT = 0 V to VDD,
CE1 = VIH or OE = VIH
10
A
Operating Power Supply
Current*1
IDD
CE1 = 0.2 V, CE2 = VDD  0.2 V,
Iout = 0 mA
10
15
mA
Standby Current*2
ISB
CE1  VDD  0.2 V
10
50
A
CE2  0.2 V
OE  VDD  0.2 V, WE  VDD  0.2 V
LB  VDD  0.2 V, UB  VDD  0.2 V
High Level Input Voltage
VIH
VDD = 3.0 V to 3.6 V
VDD  0.8
VDD  0.5
(  4.0)
V
Low Level Input Voltage
VIL
VDD = 3.0 V to 3.6 V
0.5
0.6
V
High Level Output Voltage
VOH
IOH =  1.0 mA
VDD  0.8
V
Low Level Output Voltage
VOL
IOL = 2.0 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com