Electronic Components Datasheet Search
  English  ▼

X  

CPCI-6540 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # CPCI-6540
Description  6U CompactPCI 9th Gen Intel® Xeon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

CPCI-6540 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  CPCI-6540 Datasheet HTML 1Page - Elma Electronic Ltd CPCI-6540 Datasheet HTML 2Page - Elma Electronic Ltd CPCI-6540 Datasheet HTML 3Page - Elma Electronic Ltd CPCI-6540 Datasheet HTML 4Page - Elma Electronic Ltd CPCI-6540 Datasheet HTML 5Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.adlinktech.com
Datasheet
Features
6U CompactPCI 9th Gen Intel® Xeon®/Core™ Processor Blade
with two PMC/XMC sites
• 14nm multi-core 9th Gen Intel® processor (formerly Coffee Lake Refresh)
• Dual channel DDR4 ECC memory, soldered and SO-DIMM, up to 64GB
• Versatile storage: SSD, M.2 2242 NVMe
• Dual PMC/XMC sites
• Remote management and TPM support
Specifications
cPCI-6540 Series
Processor & System
CPU
Intel® Xeon® E-2276ME processor, 6C/12T, 45/35W by cTDP (12MB cache, up to 4.5GHz)
Intel® Core™ i7-9850HE processor, 6C/12T, 45/35W by cTDP (9MB cache, up to 4.4GHz)
Intel® Core™ i7-9850HL processor, 6C/12T, 25W (9MB cache, up to 4.1GHz)
Intel® Core™ i3-9100HL processor, 4C/4T, 25W (6MB cache, up to 2.9GHz)
Intel® Celeron® G4930E processor, 4C/4T, 35W (2MB cache, 2.4GHz)
Chipset
Mobile Intel® CM246 Chipset
Memory
Dual channel DDR4-2666 SDRAM, up to 64GB
One channel in SO-DIMM socket up to 32GB; one channel soldered onboard
up to 32GB (dependent on availability of memory devices and modules)
ECC supported by Intel® Xeon® E-2276ME, Intel® Core™ i3-9100HL and
Intel® Celeron® G4930E
BIOS
AMI® UEFI BIOS, SPI Flash memory
Support dual BIOS (the system should boot even when one of the dual BIOS is failed)
Reserve the option to boot without battery
Secure Boot capabilities
CompactPCI Bus
1x PCIe x4 Pericom PI7C9X130 PCIe to PCI bridge
PCI 64-bit, 66MHz to J1, J2, universal V(I/O)
Support host/Satellite mode
Standard
PICMG 2.0 CompactPCI R3.0
PICMG 2.1 Hot Swap R2.0
PICMG 2.9 System Management (IPMI Rev. 1.5)
PICMG 2.16 Packet Switch Backplane R1.0
CompactPCI
Serial
R
LAN
DisplayPort
USB 3.0
VGA
USB 3.0
COM
cPCI-6540
cPCI-6540V
New


Similar Part No. - CPCI-6540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-6510 ETC2-CPCI-6510 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6510610M4G ETC2-CPCI-6510610M4G Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6510V610M8G ETC2-CPCI-6510V610M8G Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6510V620LM4G ETC2-CPCI-6510V620LM4G Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6520 ETC2-CPCI-6520 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
More results

Similar Description - CPCI-6540

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-3396 ADVANTECH-MIC-3396 Datasheet
384Kb / 2P
6U CompactPCI Intel® 4th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3396MIL ADVANTECH-MIC-3396MIL Datasheet
410Kb / 2P
6U CompactPCI Intel® 4th/5th Gen. Core™ i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
MIC-3398 ADVANTECH-MIC-3398 Datasheet
628Kb / 2P
6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
MIC-3399 ADVANTECH-MIC-3399 Datasheet
657Kb / 2P
6U CompactPCI Intel® 6th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
7-Sep-2021
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
RX370Q BCM-RX370Q Datasheet
660Kb / 1P
Intel® Q370 uATX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
2021/5/18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com