Electronic Components Datasheet Search
  English  ▼

X  

TSV911AIYDT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSV911AIYDT
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911AIYDT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSV911AIYDT Datasheet HTML 10Page - STMicroelectronics TSV911AIYDT Datasheet HTML 11Page - STMicroelectronics TSV911AIYDT Datasheet HTML 12Page - STMicroelectronics TSV911AIYDT Datasheet HTML 13Page - STMicroelectronics TSV911AIYDT Datasheet HTML 14Page - STMicroelectronics TSV911AIYDT Datasheet HTML 15Page - STMicroelectronics TSV911AIYDT Datasheet HTML 16Page - STMicroelectronics TSV911AIYDT Datasheet HTML 17Page - STMicroelectronics TSV911AIYDT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
5
Application information
5.1
Driving resistive and capacitive loads
These products are low-voltage, low-power operational amplifiers optimized to drive rather large resistive loads
above 2 kΩ.
In a follower configuration, these operational amplifiers can drive capacitive loads up to 100 pF with no
oscillations. When driving larger capacitive loads, adding a small in-series resistor at the output can improve the
stability of the device (figure below shows the recommended in-series resistor values). Once the in-series resistor
value has been selected, the stability of the circuit should be tested on bench and simulated with the simulation
model.
Figure 19. In-series resistor vs. capacitive load
5.2
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible to the power supply
pins.
5.3
Macromodel
An accurate macromodel of the TSV91x is available on STMicroelectronics’ web site at: www.st.com . This
model is a trade-off between accuracy and complexity (that is, time simulation) of the TSV91x operational
amplifiers. It emulates the nominal performances of a typical device within the specified operating conditions
mentioned in the datasheet. It helps to validate a design approach and to select the right operational amplifier, but
it does not replace on-board measurements.
TSV91x, TSV91xA
Application information
DS4899 - Rev 13
page 14/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com