Electronic Components Datasheet Search
  English  ▼

X  

DRI0042 Datasheet(PDF) 1 Page - DFROBOT

Part # DRI0042
Description  15A Single DC Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0042 Datasheet(HTML) 1 Page - DFROBOT

  DRI0042 Datasheet HTML 1Page - DFROBOT DRI0042 Datasheet HTML 2Page - DFROBOT DRI0042 Datasheet HTML 3Page - DFROBOT DRI0042 Datasheet HTML 4Page - DFROBOT DRI0042 Datasheet HTML 5Page - DFROBOT DRI0042 Datasheet HTML 6Page - DFROBOT DRI0042 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
15A Single DC Motor Driver
SKU: DRI0042
 
Introduction
This is an ultra small DC motor driver for small scale projects using the popular IC - LM2575. This
provides a powerful way to drive 36V @ 15A motors. UVLO (Under Voltage Latch-Out) features a
safe guard for your system. It is very considerate to own an 5V output for Arduino or any other
devices, and its interface includes ESD (electro-static discharge) protection.


Similar Part No. - DRI0042

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DRI0041 DFROBOT-DRI0041 Datasheet
280Kb / 9P
7A Dual DC Motor Driver
6-7-17
DRI0043 DFROBOT-DRI0043 Datasheet
434Kb / 2P
TB6600 Stepper Motor Driver
DRI0044 DFROBOT-DRI0044 Datasheet
406Kb / 5P
2x1.2A DC Motor Driver (TB6612FNG)
4-3-18
More results

Similar Description - DRI0042

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
Jiaxing Heroic Technolo...
HR1124S HEROIC-HR1124S Datasheet
189Kb / 3P
Toy single channel DC motor driver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
Single-Coil Brushless DC Motor Driver
logo
SHENZHEN FUMAN ELECTRON...
TC118SS FUMAN-TC118SS Datasheet
305Kb / 4P
Single channel DC motor driver
TC119S FUMAN-TC119S Datasheet
347Kb / 4P
Single channel DC motor driver
TC618CS FUMAN-TC618CS Datasheet
367Kb / 5P
Single channel DC motor driver
logo
Shenzhen Huazhimei Semi...
HM2520C HMSEMI-HM2520C Datasheet
368Kb / 5P
Single channel DC motor driver
logo
STMicroelectronics
AEK-MOT-2DC70S1 STMICROELECTRONICS-AEK-MOT-2DC70S1 Datasheet
342Kb / 8P
Automotive-grade Dual DC motor driver up to 15A each
Rev 2 - November 2020
logo
SHENZHEN FUMAN ELECTRON...
TC118 FUMAN-TC118 Datasheet
202Kb / 4P
Single Channel DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com