Electronic Components Datasheet Search
  English  ▼

X  

590 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 590
Description  9 VOLT BATTERY CONTACTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

590 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  590 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HORIZONTAL 9 VOLT PC SNAP-ON CONTACTS
30
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
HORIZONTAL 9 VOLT PC LEAF-SPRING CONTACT
To Mount Battery “On” PC Board
Use Cat. No. 593 and Cat. No. 594
Mounting Detail for Two Contacts
To Mount Battery “Off” PC Board
Use Cat. No. 635 and Cat. No. 636
• Space saving design installs directly onto the PC board • Suitable for .062 (1.57) to .093 (2.36) thick PC boards • Ideal for self-contained battery compartments
MATERIAL: Frame: .015 (.38) Steel, Tin Plate; Contacts: Steel, Nickel Plate
MATERIAL: .012 (.30) Spring Steel, Tin-Nickel Plate
.550
[14.0]
.120 [3.0]
.062 [1.55]
(3) PLS
.350 [8.9]
.380 [9.7]
.156
[4.0]
.045 [1.15]
.047 [1.20]
.450 [11.4]
.120 [3.0]
.160 [4.1]
REF.
.200 [5.1]
.360 [9.1]
.250 [6.3]
.150 [3.8]
.416 [10.6]
REF.
.125 [3.2]
.325 [8.2]
REF.
.550
[14.0]
.350 [8.9]
.380 [9.7]
.156
[4.0]
.062 [1.55]
(3) PLS
.120 [3.0]
.380 [9.7]
.410 [10.4]
.100 [2.5]
(3) PLS
.180 [4.6]
.190 [4.8]
.265
[6.7]
.180 [4.6]
.380 [9.7]
.100 [2.5]
(3) PLS
.190 [4.8]
.410 [10.4]
.265
[6.7]
.365 [9.3]
.118 [3.0]
.070 [1.80]
DIA. TYP.
.500 [12.7]
Mounting Detail for Two Contacts
Mounting Detail for Two Contacts
.225 [5.7]
.030 [.75]
TYP.
.415 [10.5]
.110 [2.8]
TYP.
.500 [12.7]
.500 [12.7]
.052 [1.30]
DIA. TYP.
.120 [3.0]
.365 [9.3]
CAT. NO. 590
CAT. NO. 593 (Male)
CAT. NO. 594 (Female)
CAT. NO. 636 (Female)
CAT. NO. 635 (Male)
•
Reliable leaf-spring assures low contact resistance
•
Ideal for self-contained battery compartments
•
Snap-in mounting legs holds contact secure during
wave soldering
•
Ideal “Slide-In” contact for easy installation and removal
of 9 Volt batteries
•
Space saving design installs directly onto the PC board
•
Suitable for .062 (1.57) to .093 (2.36) thick PC boards
CAT.
FIG
NO.
NO.
DIA
H
L
SIZE
MATERIAL
263*
3
.225 (5.7)
.170 (4.3)
.790 (20.1)
Junior
Stud: Steel, Nickel Plate
271*
4
.205 (5.2)
.200 (5.1)
.790 (20.1)
Lug: Brass, Tin Plate
264
3
.283 (7.2)
.185 (4.7)
.840 (21.3)
Senior
Stud: Brass, Nickel Plate
272
4
.265 (6.7)
.185 (4.7)
.835 (21.2)
Lug: Brass, Tin Plate
*Use Jr. Socket and stud for standard 9 Volt Battery
DIMENSIONS ARE FOR REFERENCE ONLY
*Use Jr. Socket and stud for standard 9 Volt Battery
BATTERY SNAP-ONS
For most electronic applications requiring a quick connect and disconnect of circuit. Commonly used with 9 Volt or other batteries designed with snap fasteners. Ideal for
temporary or permanent means of connecting without soldering. Can be cascaded together for multiple connections.
FIG. 1
FIG. 2
FIG. 4
FIG. 3
Stud only
Stud w/Crimp Lug
Socket only
Socket w/Crimp Lug
CAT.
FIG
NO.
NO.
DIA
H
B
HOLE
SIZE
MATERIAL
261*
1
.224 (5.7)
.135 (3.4) .312 (7.9) .097 (2.5)
Junior*
Steel, Nickel Plate
269*
2
.210 (5.3)
.150 (3.8) .250 (6.4) .096 (2.4)
262
1
.283 (7.2)
.143 (3.6) .423 (10.7) .125 (3.2)
Senior
Brass, Nickel Plate
270
2
.261 (6.6)
.145 (3.7) .312 (7.9) .125 (3.2)
DIA
DIA
DIA
H
L
DIA
L
H
H
B
B
H
Mounts Directly to Printed Circuit Board
“Off-Board”
“Off-Board”
SOCKET OR STUD W/CRIMP LUG
SOCKET OR STUD ONLY
M60Section1FRevA5-COLOR 4/5/13 1:13PM Page32


Similar Part No. - 590

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
590 MALLORY-590 Datasheet
68Kb / 2P
ADJUSTABLE FLANGE DISTRIBUTOR ADJUSTMENT
logo
Switchcraft, Inc.
590 SWITCH-590 Datasheet
32Kb / 1P
1/4 COMMERCIAL PHONE PLUGS
logo
France Joint
590 FRANCEJOINT-590 Datasheet
364Kb / 3P
PISTON SEALS
logo
Adafruit Industries
590 ADAFRUIT-590 Datasheet
190Kb / 2P
Adafruit Perma-Proto Full-sized Breadboard PCB - 3 Pack!
2/23/2015
logo
HellermannTyton.
590-00010 HELLERMANNTYTON-590-00010 Datasheet
1Mb / 41P
Wire and Cable Markers
More results

Similar Description - 590

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
List of Unclassifed Man...
5222 ETC2-5222 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
5242 ETC2-5242 Datasheet
142Kb / 2P
BATTERY CONTACTS FOR MOLDED CASES
12BH613-GR ETC2-12BH613-GR Datasheet
78Kb / 1P
9 Volt Battery Holder without Snaps
BT-168 ETC1-BT-168 Datasheet
236Kb / 2P
Universal Button Cell Battery Volt Tester Checker
logo
CSB Battery Co., Ltd.
HR1224WF2F1 CSB-BATTERY-HR1224WF2F1 Datasheet
661Kb / 2P
Battery - 12 Volt 24Watts/Cell 6.4Amp Hour
logo
ON Semiconductor
NIS4461 ONSEMI-NIS4461 Datasheet
257Kb / 12P
9 to 24 Volt Electronic Fuse
March, 2021 ??Rev. 2
logo
GPB International Limit...
GP1604A GP-GP1604A Datasheet
2Mb / 1P
GP Super Alkaline Battery 9 Volts
GP1604AU GP-GP1604AU Datasheet
229Kb / 1P
GP Ultra Alkaline Battery 9 Volts
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com