Electronic Components Datasheet Search
  English  ▼

X  

CTP151 Datasheet(PDF) 5 Page - Juniper Networks, Inc.

Part # CTP151
Description  CTP SERIES CIRCUIT TO PACKET PLATFORMS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

CTP151 Datasheet(HTML) 5 Page - Juniper Networks, Inc.

  CTP151 Datasheet HTML 1Page - Juniper Networks, Inc. CTP151 Datasheet HTML 2Page - Juniper Networks, Inc. CTP151 Datasheet HTML 3Page - Juniper Networks, Inc. CTP151 Datasheet HTML 4Page - Juniper Networks, Inc. CTP151 Datasheet HTML 5Page - Juniper Networks, Inc. CTP151 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CTP151
CTP2008
CTP2024
CTP2056
Voice Interfaces
Analog voice 4-wire TO interface quantity
4
8
24
56
4WE&M
N/A
N/A
16
48
2WFXS
N/A
N/A
48
144
2WFXO
N/A
N/A
24
72
T1 and E1
8
8
24
56
Companding conversion
N/A
N/A
Yes
Yes
IP Interfaces
10/100/1000BASE-T (RJ-45)
4
2
2
2
SFP 1000BASE-T
2*
4
4
4
SFP 1000BASE-SX
2*
4
4
4
SFP 1000BASE-LX
2*
4
4
4
Precedent setting—(DSCP), configurable TOS byte
Yes
Yes
Yes
Yes
VLAN tagging
Yes
Yes
Yes
Yes
Virtual IP
Yes
Yes
Yes
Yes
Circuit modes—symmetric,
asymmetric, unidirectional, hairpin
Yes
Yes
Yes
Yes
IPv4 and IPv6
Yes
Yes
Yes
Yes
IETF PWE3 RFC SAToP
Yes
Yes
Yes
Yes
IETF PWE3 RFC CESoPSN
Yes
Yes
Yes
Yes
Layer 2 serial aggregation
Yes
Yes
Yes
Yes
Port mirroring
Yes
Yes
Yes
Yes
*Software support roadmap item
Juniper Networks Services and Support
Juniper Networks is the leader in performance-enabling services
that are designed to accelerate, extend, and optimize your high-
performance network. Our services allow you to maximize
operational efficiency while reducing costs and minimizing risk,
achieving a faster time to value for your network. Juniper Networks
ensures operational excellence by optimizing the network to
maintain required levels of performance, reliability, and availability.
For more details, please visit https://www.juniper.net/us/en/
products.html.
Ordering Information
Model Number
Description
CTP151 LINE
CTP151-AC
AC base chassis with 4-port 10/100/1000BASE-T RJ-45 and
2-port 1GbE/10GbE SFP/SFP+
CTP151 Common Interface Modules
CTP150-IM-SER-B
4-port serial module with 4 HD-26 pin interfaces and one
clock input interface. Serial supports RS- 232/V.24,
EIA530/530A/RS-422/499/X.21, V.35.
CTP150-IM-SER-MS-B
4-port serial module with 4 HD-26 pin interfaces and one
clock input interface. Includes two daughter cards to add
4WTO analog, high-quality analog and IRIG capabilities to two
ports.
CTP150-IM-T1E1-B
4-port T1/E1 module with 4 RJ-48 interfaces and one clock
input interface
CTP151 Common Spares
Model Number
Description
CTP150-CBL-DB15-DCE-F HD-26 interface cable, DB15, DCE, Female
CTP150-CBL-DB15- DTE-M HD-26 interface cable, DB15, DTE, Male
CTP150-CBL-DB25-DCE-F HD-26 interface cable, DB25, DCE, Female
CTP150-CBL-DB25-DCE-Y Y-cable with DCE DB25 connectors
CTP150-CBL-DB25- DTE-M HD-26 Interface cable, DB25, DTE, Male
CTP150-CBL-RJ45-DIU
HD-26 Interface cable, RJ45, V.24
CTP2000 LINE
Base Units
CTP2008-AC-04
CTP2008 AC base chassis
CTP2008-DC-04
CTP2008 DC base chassis
CTP2024-AC-04
CTP2024 AC base chassis
CTP2024-DC-04
CTP2024 DC base chassis
CTP2056-AC-04
CTP2056 AC base chassis
CTP2056-DC-04
CTP2056 DC base chassis
Upgrades
CTP-Fiber-XMC-04
Fiber PMC card for CTP2000 line to support up to 2 SFP
modules
CTP-SFP-1GE-T
Small form-factor pluggable 1000BASE-T Gigabit Ethernet
module (uses Cat 5 cable)
CTP-SFP-1GE-SX
Small form -factor pluggable 1000BASE-SX Gigabit Ethernet
optic module
CTP-SFP-1GE-LX
Small form-factor pluggable 1000BASE-LX Gigabit Ethernet
optic module
Interface Modules
CTP2000-IM-8P-T1E1-B
8-port T1/E1 RJ48 interface module
CTP2000-IM-8P-B
8-port serial interface module—EIA530/V.11/RS- 422/X.21,
RS-232/V.24, V.35
CTP Series Circuit to Packet Platforms Datasheet
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com