Electronic Components Datasheet Search
  English  ▼

X  

4277 Datasheet(PDF) 2 Page - 3M Electronics

Part # 4277
Description  Reusable Half Face Masks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4277 Datasheet(HTML) 2 Page - 3M Electronics

  4277 Datasheet HTML 1Page - 3M Electronics 4277 Datasheet HTML 2Page - 3M Electronics 4277 Datasheet HTML 3Page - 3M Electronics 4277 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Filter Table
Filter
Hazard
Industry
4251
(FFA1P2 R D)
4255
(FFA2P3 R D)
Organic Vapours
and Particulates
• Anywhere conventional paints are used.
(non-Isocyanates, subject to usage
conditions)
• Vehicle manufacture
• Plant equipment manufacture
• Shoe treatment and tanneries
• Domestic appliance manufacture
• Aircraft manufacture and refurbishment
• Boat building
• Machinery manufacture
• Chemical manufacture and handling
• Ink and dye manufacture and usage
• Adhesive manufacture and laboratories
• Paint and varnish manufacture
• Manufacture and use of resins
4277
(FFABE1P3 R D)
Organic Vapours,
Inorganic Gases,
Acid Gases and
Particulates
As 4251 but also:
• Electrolytic processes
• Acid cleaning
• Metal pickling
• Metal etching
4279
(FFABEK1P3 R D)
Organic Vapours,
Inorganic and
Acid Gases, plus
Ammonia and
Particulates
As 4277 but also:
• Manufacture and maintenance of
refrigeration equipment
• Agrochemicals
Standards and Approval
The 3M™ 4000 Series Respirators meet the performance
requirements of the European Standard EN 405:2001+A1:2009
for valved filtering half-mask respirators for gases, vapours and
particulate combinations.
The 3M™ 4000 Series Respirators have met the requirements
of the European Community Directive 89/686/ EEC (Personal
Protective Equipment Directive) and are thus CE marked.
Certification under Article 10, EC Type- Examination, has been
issued for these products by INSPEC International Limited, 56
Leslie Hough Way, Salford, Greater Manchester M6 6AJ, UK
(Notified Body number 0194). Certification under Article 11, EC
quality control, has been issued by BSI Product Services (Notified
Body number 0086).
Cleaning and Storage
If the respirator is to be used for more than one shift it should
be cleaned at the end of each shift and stored between shifts
in the original packaging. To clean the respirator, the faceseal
should be wiped with a cloth moistened in warm soapy water
(the water temperature should be below 40°C) and dried at room
temperature. The product MUST NOT be immersed in water
during cleaning. Alternatively, faceseal may be cleaned using the
3M™ 105 Face Seal Cleaner. Always check that the product has
not exceeded the use by date before use.
Respiratory Protection is only effective if it is correctly selected,
fitted and worn throughout the time when the wearer is exposed
to respiratory contaminants.
3M offers advice on the selection of products, and training in the
correct fitting and usage.
For more information on 3M products and services please call the
3M Health & Safety Helpline.
Materials
Component
Material
Facemask
Thermoplastic elastomer
Head Harness
Polypropylene
Head Strap
Polypropylene/cotton
Inhalation Valve
Polyisoprene
Exhalation Valve
Silicone Rubber
Gas and Vapour Filter Body
Activated Carbon
Particulate Filter Element
Polypropylene



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com