Electronic Components Datasheet Search
  English  ▼

X  

ADS7040IDCUT Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS7040IDCUT
Description  ADS7040 Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7040IDCUT Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS7040IDCUT Datasheet HTML 25Page - Texas Instruments ADS7040IDCUT Datasheet HTML 26Page - Texas Instruments ADS7040IDCUT Datasheet HTML 27Page - Texas Instruments ADS7040IDCUT Datasheet HTML 28Page - Texas Instruments ADS7040IDCUT Datasheet HTML 29Page - Texas Instruments ADS7040IDCUT Datasheet HTML 30Page - Texas Instruments ADS7040IDCUT Datasheet HTML 31Page - Texas Instruments ADS7040IDCUT Datasheet HTML 32Page - Texas Instruments ADS7040IDCUT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
6
7
8
9
10
11
12
0
200
400
600
800
1000
Sampling Rate (Ksps)
C030
25
and 1.5 nF
250
and 1.5 nF
2.5 k
and 1.5 nF
10 k
and 1.5 nF
25 k
and 1.5 nF
50 k
and 1.5 nF
ADS7040
www.ti.com
SBAS676C – NOVEMBER 2014 – REVISED DECEMBER 2015
Table 5 lists the acquisition time for the above two cases for a throughput of 100 kSPS. Clearly, case 2 provides
more acquisition time for the input signal to settle.
Table 5. Acquisition Time with Different SCLK Frequencies
CONVERSION TIME
ACQUISITION TIME
CASE
SCLK
tcycle
(= 8.5 × tSCLK + tSU_CSCK)
(= tcycle – tconv)
1
1.2 MHz
10 µs
7.233 µs
2.767 µs
2
12 MHz
10 µs
0.7233 µs
9.2767 µs
For a step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation
results, and test results, refer to TI Precision Design TIPD168, Three 12-Bit Data Acquisition
Reference Designs Optimized for Low Power and Ultra-Small Form Factor (TIDU390).
9.2.3.3 Application Curve
When the output impedance of the sensor increases, the time required for the input signal to settle increases and
the performance of the SAR ADC starts degrading if the input signal does not settle within the acquisition time of
the ADC. The performance of the SAR ADC can be improved by reducing the throughput to provide enough time
for the input signal to settle. Figure 46 provides the results for ENOB achieved from the ADS7040 for case 2 at
different throughputs with different input impedances at the device input.
Figure 46. ENOB (Effective Number of Bits) Achieved from the ADS7040 at Different Throughputs
Table 6 shows the results and performance summary for this 12-bit, 10-kSPS DAQ circuit application.
Table 6. Results and Performance Summary for 8-Bit, 10-kSPS DAQ Circuit for DC Sensor
Measurements
DESIGN PARAMETER
GOAL VALUE
ACHIEVED RESULT
Throughput
10 kSPS
10 kSPS
SNR at 100 Hz
48.5 dB
49.55 dB
THD at 100 Hz
65dB
70 dB
SINAD at 100 Hz
48dB
49.5 dB
ENOB
7.5
7.93
Power
10 µW
6 µW
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADS7040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com