Electronic Components Datasheet Search
  English  ▼

X  

ADS7041IRUGR Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS7041IRUGR
Description  ADS7041 Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7041IRUGR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7041IRUGR Datasheet HTML 17Page - Texas Instruments ADS7041IRUGR Datasheet HTML 18Page - Texas Instruments ADS7041IRUGR Datasheet HTML 19Page - Texas Instruments ADS7041IRUGR Datasheet HTML 20Page - Texas Instruments ADS7041IRUGR Datasheet HTML 21Page - Texas Instruments ADS7041IRUGR Datasheet HTML 22Page - Texas Instruments ADS7041IRUGR Datasheet HTML 23Page - Texas Instruments ADS7041IRUGR Datasheet HTML 24Page - Texas Instruments ADS7041IRUGR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
1
2
3
4
11
12
SCLK(fCLK-CAL)
CS
Sample
N
0
0
D9
D8
SDO
Data for Sample N
D1
D0
16
18
17
32
31
Sample
N+1
tCONV
tCAL
tACQ
tPH_CS
tSU_CSCK
tD_CKCS
ADS7041
www.ti.com
SBAS675C – NOVEMBER 2014 – REVISED DECEMBER 2015
8.4.1.2 Offset Calibration During Normal Operation
Offset calibration can be done during normal device operation if at least 32 SCLK falling edges are provided in
one serial transfer frame. During the first 12 SCLKs, the device converts the sample acquired on the CS falling
edge and provides data on the SDO output. The device initiates the offset calibration on the 17th SCLK falling
edge and calibration completes on the 32nd SCLK falling edge. The SDO output remains low after the 12th
SCLK falling edge and SDO goes to 3-state after CS goes high. If the device is provided with less than 32
SCLKs during a serial transfer frame, the OCR is not updated. Table 3 provides the timing parameters for offset
calibration during normal operation.
For subsequent samples, the device adjusts the conversion results with the value stored in the OCR. The
conversion result adjusted with the value stored in the OCR is provided by the device on the SDO output.
Figure 38 shows the timing diagram for offset calibration during normal operation.
Table 3. Offset Calibration During Normal Operation
MIN
TYP
MAX
UNIT
fCLK-CAL
SCLK frequency for calibration for 2.25 V < AVDD < 3.6 V
14
MHz
fCLK-CAL
SCLK frequency for calibration for 1.65 V < AVDD < 2.25 V
12
MHz
tCAL
Calibration time during normal operation
15 tSCLK
ns
tACQ
Acquisition time
235
ns
tPH_CS
CS high time
tACQ
ns
tSU_CSCK
Setup time: CS falling to SCLK falling
15
ns
tD_CKCS
Delay time: last SCLK falling to CS rising
10
ns
Figure 38. Offset Calibration During Normal Operation Timing Diagram
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS7041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com