Electronic Components Datasheet Search
  English  ▼

X  

ADS7044IDCUT Datasheet(PDF) 30 Page - Texas Instruments

Part # ADS7044IDCUT
Description  ADS7044 Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7044IDCUT Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS7044IDCUT Datasheet HTML 26Page - Texas Instruments ADS7044IDCUT Datasheet HTML 27Page - Texas Instruments ADS7044IDCUT Datasheet HTML 28Page - Texas Instruments ADS7044IDCUT Datasheet HTML 29Page - Texas Instruments ADS7044IDCUT Datasheet HTML 30Page - Texas Instruments ADS7044IDCUT Datasheet HTML 31Page - Texas Instruments ADS7044IDCUT Datasheet HTML 32Page - Texas Instruments ADS7044IDCUT Datasheet HTML 33Page - Texas Instruments ADS7044IDCUT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
ADS7044
SBAS682D – NOVEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
11 Layout
11.1 Layout Guidelines
Figure 46 shows a board layout example for the ADS7044. Use a ground plane underneath the device and
partition the PCB into analog and digital sections. Avoid crossing digital lines with the analog signal path and
keep the analog input signals and the reference input signals away from noise sources. In Figure 46, the analog
input and reference signals are routed on the top and left side of the device while the digital connections are
routed on the bottom and right side of the device.
The power sources to the device must be clean and well-bypassed. Use 1-
μF ceramic bypass capacitors in close
proximity to the analog (AVDD) and digital (DVDD) power-supply pins. Avoid placing vias between the AVDD and
DVDD pins and the bypass capacitors. Connect all ground pins to the ground plane using short, low-impedance
paths. The AVDD supply voltage for the ADS7044 also functions as a reference for the device. Place the
decoupling capacitor (CREF) for AVDD close to the device AVDD and GND pins. CREF must be connected to the
device pins with thick copper tracks, as shown in Figure 46.
The fly-wheel RC filters are placed close to the device. Among ceramic surface-mount capacitors, COG (NPO)
ceramic capacitors provide the best capacitance precision. The type of dielectric used in COG (NPO) ceramic
capacitors provides the most stable electrical properties over voltage, frequency, and temperature changes.
11.2 Layout Example
Figure 46. Example Layout
30
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com