Electronic Components Datasheet Search
  English  ▼

X  

ADS7945 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS7945
Description  14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7945 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7945 Datasheet HTML 9Page - Texas Instruments ADS7945 Datasheet HTML 10Page - Texas Instruments ADS7945 Datasheet HTML 11Page - Texas Instruments ADS7945 Datasheet HTML 12Page - Texas Instruments ADS7945 Datasheet HTML 13Page - Texas Instruments ADS7945 Datasheet HTML 14Page - Texas Instruments ADS7945 Datasheet HTML 15Page - Texas Instruments ADS7945 Datasheet HTML 16Page - Texas Instruments ADS7945 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
75
77
79
81
83
85
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
fIN = 20 kHz
G023
75
77
79
81
83
85
0
20
40
60
80
100
fIN, Input Frequency (kHz)
G025
−100
−96
−92
−88
−84
−80
2.7
3.2
3.7
4.2
4.7
5.2
5.7
AVDD,Analog Supply Voltage (V)
fIN = 20 kHz
G030
−100
−96
−92
−88
−84
−80
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
AVDD = 5.25 V
fIN = 20 kHz
G032
−100
−96
−92
−88
−84
−80
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
AVDD = 3 V
fIN = 20 kHz
G031
−100
−96
−92
−88
−84
−80
0
20
40
60
80
100
fIN, Input Frequency (kHz)
AVDD = 3 V
G033
ADS7945
ADS7946
www.ti.com
SBAS539B
– JUNE 2011 – REVISED SEPTEMBER 2011
TYPICAL CHARACTERISTICS: ADS7945 (continued)
At TA = +25°C, AVDD = 5 V, DVDD = 1.8 V, VREF = 2.5 V, and fSAMPLE = 2 MSPS, unless otherwise noted.
SINAD vs FREE-AIR TEMPERATURE
SINAD vs INPUT FREQUENCY
Figure 19.
Figure 20.
THD vs ANALOG SUPPLY VOLTAGE
THD vs REFERENCE VOLTAGE
Figure 21.
Figure 22.
THD vs FREE-AIR TEMPERATURE
THD vs INPUT FREQUENCY
Figure 23.
Figure 24.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS7945 ADS7946



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com