Electronic Components Datasheet Search
  English  ▼

X  

ADS8881CDGS Datasheet(PDF) 36 Page - Texas Instruments

Part # ADS8881CDGS
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8881CDGS Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS8881CDGS Datasheet HTML 32Page - Texas Instruments ADS8881CDGS Datasheet HTML 33Page - Texas Instruments ADS8881CDGS Datasheet HTML 34Page - Texas Instruments ADS8881CDGS Datasheet HTML 35Page - Texas Instruments ADS8881CDGS Datasheet HTML 36Page - Texas Instruments ADS8881CDGS Datasheet HTML 37Page - Texas Instruments ADS8881CDGS Datasheet HTML 38Page - Texas Instruments ADS8881CDGS Datasheet HTML 39Page - Texas Instruments ADS8881CDGS Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
AVDD
OPA+
OPA+
OPA+
OPA+
VCM
10
1 nF
0.2
10 µF
1 k
1 µF
+
-
+
THS4281
1 k
1 µF
+
-
+
OPA333
20 k
1 µF
VIN+
VIN-
-
+
+
OPA350
-
+
+
OPA350
V
+
AINP
AINM
REF
GND
AVDD
CONVST
CONVST
Device
10
Input Driver
Reference Drive Circuit
SAR ADC
OPA+
REF5045
(See Reference Datasheet
for Detailed Pin Configuration)
36
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
11.2 Typical Applications
11.2.1 DAQ Circuit for a 1-µs, Full-Scale Step Response
Figure 65. DAQ Circuit for a 1-µs, Full-Scale Step Response
11.2.1.1 Design Requirements
Step input signals are common in multiplexed applications when switching between different channels. In a
worst-case scenario, one channel is at the negative full-scale (NFS) and the other channel is at the positive full-
scale (PFS) voltage, in which case the step size is the full-scale range (FSR) of the ADC when the MUX channel
is switched.
Design an application circuit optimized for using the ADS8881 to achieve
•
full-scale step input settling to 18-bit accuracy and
•
INL of < ±2 LSB and
•
maximum specified throughput of 1 MSPS
11.2.1.2 Detailed Design Procedure
The application circuit is shown in Figure 65.
In such applications, the primary design requirement is to ensure that the full-scale step input signal settles to 18-
bit accuracy at the ADC inputs. This condition is critical to achieve the excellent linearity specifications of the
ADC. Therefore, the bandwidth of the antialiasing RC filter must be large enough to allow optimal settling of the
input signal during the ADC acquisition time. The filter capacitor helps reduce the sampling charge injection at
the ADC inputs, but degrades the phase margin of the driving amplifier, thereby leading to stability issues.
Amplifier stability is maintained by the series isolation resistor.
The application circuit in Figure 65 shows the schematic of a complete reference driver circuit that generates a
voltage of 4.5 V dc using a single 5-V supply. This circuit is suitable to drive the reference of the ADS8881 at
higher sampling rates up to 1 MSPS. The reference voltage of 4.5 V in this design is generated by the high-
precision, low-noise REF5045 circuit. The output broadband noise of the reference is heavily filtered by a low-
pass filter with a 3-dB cutoff frequency of 160 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com