Electronic Components Datasheet Search
  English  ▼

X  

AM26LS32A Datasheet(PDF) 10 Page - Texas Instruments

Part # AM26LS32A
Description  AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM26LS32A Datasheet(HTML) 10 Page - Texas Instruments

Back Button AM26LS32A Datasheet HTML 6Page - Texas Instruments AM26LS32A Datasheet HTML 7Page - Texas Instruments AM26LS32A Datasheet HTML 8Page - Texas Instruments AM26LS32A Datasheet HTML 9Page - Texas Instruments AM26LS32A Datasheet HTML 10Page - Texas Instruments AM26LS32A Datasheet HTML 11Page - Texas Instruments AM26LS32A Datasheet HTML 12Page - Texas Instruments AM26LS32A Datasheet HTML 13Page - Texas Instruments AM26LS32A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
7 Parameter Measurement Information
5 k
Ω
S1
RL = 2 kΩ
VCC
From Output
Under Test
CL
(see Note A)
See Note B
S2
Test
Point
Figure 7-1. Test Circuit
tPHL
VOH
VOL
2.5 V
–2.5 V
tPLH
S1 and S2 Closed
Input
Output
00
1.3 V
1.3 V
Figure 7-2. Voltage Waveforms For tPLH, tPHL
S1 Open
S2 Closed
10%
90%
10%
90%
0
3 V
10%
10%
90%
90%
1.3 V1.3 V
1.3 V
1.3 V
3 V
0
≤5 ns
Enable G
Enable G
tPZH
1.3 V
Output
VOH
0.5 V
≈1.4 V
tPHZ
S1 Closed
S2 Closed
See Note C
≤5 ns
Figure 7-3. Voltage Waveforms For tPHZ, tPZH
AM26LS32AC, AM26LS32AI, AM26LS32AM
AM26LS33AC, AM26LS33AM
SLLS115G – OCTOBER 1980 – REVISED AUGUST 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM26LS32AC AM26LS32AI AM26LS32AM AM26LS33AC AM26LS33AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com