Electronic Components Datasheet Search
  English  ▼

X  

AM62A7 Datasheet(PDF) 39 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A7 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 35Page - Texas Instruments AM62A7 Datasheet HTML 36Page - Texas Instruments AM62A7 Datasheet HTML 37Page - Texas Instruments AM62A7 Datasheet HTML 38Page - Texas Instruments AM62A7 Datasheet HTML 39Page - Texas Instruments AM62A7 Datasheet HTML 40Page - Texas Instruments AM62A7 Datasheet HTML 41Page - Texas Instruments AM62A7 Datasheet HTML 42Page - Texas Instruments AM62A7 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 247 page
background image
Table 5-1. Pin Attributes (AMB, ANF Packages) (continued)
AMB
BALL
NUMBER
[1]
ANF
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
E14
E14
UART0_RXD
PADCONFIG:
PADCONFIG114
0x000F41C8
UART0_RXD
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
ECAP1_IN_APWM_OUT
1
IO
0
SPI2_D0
2
IO
0
EHRPWM2_A
3
IO
0
GPIO1_20
7
IO
pad
D15
D15
UART0_TXD
PADCONFIG:
PADCONFIG115
0x000F41CC
UART0_TXD
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
ECAP2_IN_APWM_OUT
1
IO
0
SPI2_D1
2
IO
0
EHRPWM2_B
3
IO
0
GPIO1_21
7
IO
pad
AA10
AA10
USB0_DM
USB0_DM
IO
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
AA9
AA9
USB0_DP
USB0_DP
IO
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
C20
C20
USB0_DRVVBUS
PADCONFIG:
PADCONFIG149
0x000F4268
USB0_DRVVBUS
0
O
Off / Off / Down
Off / Off / Down
7
1.8V / 3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO1_50
7
IO
pad
W10
W10
USB0_RCALIB
USB0_RCALIB
A
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
V8
V8
USB0_VBUS
USB0_VBUS
A
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
Y11
Y11
USB1_DM
USB1_DM
IO
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
Y10
Y10
USB1_DP
USB1_DP
IO
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
D19
D19
USB1_DRVVBUS
PADCONFIG:
PADCONFIG150
0x000F4280
USB1_DRVVBUS
0
O
Off / Off / Down
Off / Off / Down
7
1.8V / 3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO1_51
7
IO
pad
U7
U7
USB1_RCALIB
USB1_RCALIB
A
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
V6
V6
USB1_VBUS
USB1_VBUS
A
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
T10
T10
VDDA_1P8_USB
VDDA_1P8_USB
PWR
T12
T12
VDDA_1P8_CSIRX0
VDDA_1P8_CSIRX0
PWR
U10
U10
VDDA_3P3_USB
VDDA_3P3_USB
PWR
T11
T11
VDDA_CORE_CSIRX0
VDDA_CORE_CSIRX0
PWR
T9
T9
VDDA_CORE_USB
VDDA_CORE_USB
PWR
M9
M9
VDDA_DDR_PLL0
VDDA_DDR_PLL0
PWR
J10
J10
VDDA_MCU
VDDA_MCU
PWR
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com